Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB3789 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB3789
Description  Switching Regulator Controller (Supporting External Synchronization)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3789 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB3789 Datasheet HTML 17Page - fujitsu semiconductor MB3789 Datasheet HTML 18Page - fujitsu semiconductor MB3789 Datasheet HTML 19Page - fujitsu semiconductor MB3789 Datasheet HTML 20Page - fujitsu semiconductor MB3789 Datasheet HTML 21Page - fujitsu semiconductor MB3789 Datasheet HTML 22Page - fujitsu semiconductor MB3789 Datasheet HTML 23Page - fujitsu semiconductor MB3789 Datasheet HTML 24Page - fujitsu semiconductor MB3789 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
MB3789
3.
Operation of the Bootstrap Capacitor
When voltage VOUT at the OUT pin (pin 15) is “L” level, the voltages (VC1) at both ends of the bootstrap capacitor
CBS is charged up to the VCC2 voltage level by charge current (iC).
When VOUT changes from “L” level to “H” level, the CB pin (pin 13) voltage VCBS rises to
2
× VCC2 and VOUT
reaches almost the VCC2 level.
The charge accumulated at CBS at this time is released by discharge current id (output unit supply current).
See Figure 12 for circuit operation.
~
12
10
8
6
4
2
0
6
4
2
0
0
20406080
100
tON
tOFF
2 V
2 V
10
µs
*2
Time t (
µs)
(VCC1 = 5 V, VCC2 = 6 V, CBS = 4700 pF)
VCBS*1
VOUT
*1: Use the device with a setting of VCBS
18 V.
*2: The slant of VCBS is determined by the value of discharge current id (output unit supply current).
Figure 14 Bootstrap operating waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com