Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3402 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3402
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402 Datasheet(HTML) 2 Page - Texas Instruments

  LM3402 Datasheet HTML 1Page - Texas Instruments LM3402 Datasheet HTML 2Page - Texas Instruments LM3402 Datasheet HTML 3Page - Texas Instruments LM3402 Datasheet HTML 4Page - Texas Instruments LM3402 Datasheet HTML 5Page - Texas Instruments LM3402 Datasheet HTML 6Page - Texas Instruments LM3402 Datasheet HTML 7Page - Texas Instruments LM3402 Datasheet HTML 8Page - Texas Instruments LM3402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
SW
1
RON
2
VIN
3
BOOT
4
VCC
8
GND
7
DIM
6
CS
5
SW
1
RON
2
VIN
3
BOOT
4
VCC
8
GND
7
DIM
6
CS
5
DAP
LM3402, LM3402HV
SNVS450D – SEPTEMBER 2006 – REVISED FEBRUARY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Connection Diagram
Figure 1. 8-Lead Plastic VSSOP-8 Package
Figure 2. 8-Lead Plastic SO PowerPAD-8 Package
See Package Number DGK (S-PDSO-G8)
See Package Number DDA0008B
PIN DESCRIPTIONS
Pin(s)
Name
Description
Application Information
1
SW
Switch pin
Connect this pin to the output inductor and Schottky diode.
2
BOOT
MOSFET drive bootstrap pin
Connect a 10 nF ceramic capacitor from this pin to SW.
3
DIM
Input for PWM dimming
Connect a logic-level PWM signal to this pin to enable/disable the power FET and
reduce the average light output of the LED array.
4
GND
Ground pin
Connect this pin to system ground.
5
CS
Current sense feedback pin
Set the current through the LED array by connecting a resistor from this pin to
ground.
6
RON
On-time control pin
A resistor connected from this pin to VIN sets the regulator controlled on-time.
7
VCC
Output of the internal 7V linear
Bypass this pin to ground with a minimum 0.1 µF ceramic capacitor with X5R or
regulator
X7R dielectric.
8
VIN
Input voltage pin
Nominal operating input range is 6V to 42V (LM3402) or 6V to 75V (LM3402HV).
DAP
GND
Thermal Pad
Connect to ground. Place 4 to 6 vias from DAP to bottom layer ground plane.
ABSOLUTE MAXIMUM RATINGS(LM3402)
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors
for availability and specifications.
VALUE / UNIT
VIN to GND
–0.3V to 45V
BOOT to GND
–0.3V to 59V
SW to GND
–1.5V
BOOT to VCC
–0.3V to 45V
BOOT to SW
–0.3V to 14V
VCC to GND
–0.3V to 14V
DIM to GND
–0.3V to 7V
CS to GND
–0.3V to 7V
RON to GND
–0.3V to 7V
Junction Temperature
150°C
Storage Temp. Range
–65°C to 125°C
ESD Rating (2)
2kV
Soldering Information
Lead Temperature (Soldering, 10sec)
260°C
Infrared/Convection Reflow (15sec)
235°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see Electrical Characteristics.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
2
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com