Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COM-587LF Datasheet(PDF) 1 Page - Protech Systems Co., Ltd.

Part # COM-587LF
Description  COM Express Intel짰 Atom??N270 CPU Module / Fanless
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

COM-587LF Datasheet(HTML) 1 Page - Protech Systems Co., Ltd.

  COM-587LF Datasheet HTML 1Page - Protech Systems Co., Ltd. COM-587LF Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features :
Intel® AtomTM N270 (1.6GHz) CPU
on board
Intel® 945GSE + ICH7M+ SPI (FSB:
533MHz)
1 x 200-Pin DDR2 SO-DIMM,
supports DDR2 400/533 up to 2GB
Fanless Solution
COM-587LF
COM Express Intel®
Atom™ N270 CPU
Module / Fanless
Protech Systems Co., Ltd.
No. 24, Lane 365, Yang Goang Street, Nei Hu
District Taipei 114, Taiwan
TEL: +886-2-8751-1111 FAX: +886-2-8751-1199
E-mail: sales@protech.com.tw
http://www.protech.com.tw
Protech Japan Co., Ltd.
OSK Bldg, 6F, 6-25-14, Minami-ohi Shinagawa-ku,
Tokyo, 140-0013
TEL: +81-3-5753-8411 FAX: +81-3-3763-9282
E-mail: sam@protech-j.com
http://www.protech-j.com
Protech Technologies Inc.
950 Fee Ana St, Suite B Placentia, CA 92870
TEL: +1-714- 996-7200 FAX: +1-714- 996-7300
Sales: sales@protech-usa.net
http://www.protech-usa.net


Similar Part No. - COM-587LF

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-08033 SPARKFUN-COM-08033 Datasheet
220Kb / 2P
Button Pad 4x4 ??Breakout PCB
8????7
COM-08643 SPARKFUN-COM-08643 Datasheet
116Kb / 2P
Magnet Square ??0.25"||"8????7
COM-08644 SPARKFUN-COM-08644 Datasheet
119Kb / 2P
Magnet Square ??0.125"||"8????7
COM-08890 SPARKFUN-COM-08890 Datasheet
78Kb / 1P
Magnet Disk - 0.709"||"8????7
COM-08914 SPARKFUN-COM-08914 Datasheet
107Kb / 2P
Magnet Ring - 3/16"||"8????7
More results

Similar Description - COM-587LF

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-4461 ADVANTECH-SOM-4461 Datasheet
319Kb / 2P
Intel짰 Atom??N270 ETX CPU Module
SOM-5760 ADVANTECH-SOM-5760 Datasheet
1Mb / 2P
Intel짰 Atom??SCH US15W XL COM-Express CPU Module
SOM-5761 ADVANTECH-SOM-5761 Datasheet
991Kb / 2P
Intel짰 Atom??N270 COM-Express CPU Module
SOM-6761 ADVANTECH-SOM-6761 Datasheet
340Kb / 2P
Intel짰 Atom??N270 COM-Micro CPU Module
SOM-4461 ADVANTECH-SOM-4461_12 Datasheet
1Mb / 2P
Intel짰 Atom??Processor N270 ETX CPU Module
SOM-4461A2 ADVANTECH-SOM-4461A2 Datasheet
1Mb / 4P
Intel짰 Atom??Processor N270 ETX CPU Module
SOM-5761 ADVANTECH-SOM-5761_11 Datasheet
1Mb / 3P
Intel짰 Atom??Processor N270 COM-Express Basic Module
SOM-6761 ADVANTECH-SOM-6761_12 Datasheet
1Mb / 2P
Intel짰 Atom??Processor N270 COM-Express Compact Module
logo
AAEON Technology
COM-945GSE AAEON-COM-945GSE Datasheet
376Kb / 2P
COM Express Type 2 CPU Module With Onboard Intel Atom N270 Processor
logo
Protech Systems Co., Lt...
LB-586LF PROTECHSYSTEMS-LB-586LF Datasheet
562Kb / 2P
Intel짰 Atom??N270 CPU Embedded board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com