Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCI-827LF Datasheet(PDF) 1 Page - Protech Systems Co., Ltd.

Part # PCI-827LF
Description  PCI Intel짰
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

PCI-827LF Datasheet(HTML) 1 Page - Protech Systems Co., Ltd.

  PCI-827LF Datasheet HTML 1Page - Protech Systems Co., Ltd. PCI-827LF Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCI-827LF
PCI Intel® Atom™ N455 /
D525 w/ VGA / LVDS /
Audio / 2LAN
Supports Intel® AtomTM N455 1.66GHz /
D525 1.8GHz processor
Memory Support DDR3 SO-DIMM 800
MHz SDRAM up to 2GB
Support two 10/100/1000 Mbps
Ethernet
Fanless Solution (N455)
Compact Flash
Features :
Protech Systems Co., Ltd.
No. 24, Lane 365, Yang Goang Street, Nei Hu
District Taipei 114, Taiwan
TEL: +886-2-8751-1111 FAX: +886-2-8751-1199
E-mail: sales@protech.com.tw
http://www.protech.com.tw
Protech Japan Co., Ltd.
OSK Bldg, 6F, 6-25-14, Minami-ohi Shinagawa-ku,
Tokyo, 140-0013
TEL: +81-3-5753-8411 FAX: +81-3-3763-9282
E-mail: sam@protech-j.com
http://www.protech-j.com
Protech Technologies Inc.
950 Fee Ana St, Suite B Placentia, CA 92870
TEL: +1-714- 996-7200 FAX: +1-714- 996-7300
Sales: sales@protech-usa.net
http://www.protech-usa.net


Similar Part No. - PCI-827LF

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PCI-8252 NI-PCI-8252 Datasheet
289Kb / 3P
IEEE 1394 Interfaces for PCI and PXI/CompactPCI
logo
Adlink Technology Inc.
PCI-8254 ADLINK-PCI-8254 Datasheet
1Mb / 2P
DSP-based 4/8-axis Advanced Motion Controllers
More results

Similar Description - PCI-827LF

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-7238 BOSER-HS-7238_1 Datasheet
3Mb / 74P
Intel짰 Pentium짰 4 processor PCI-ISA Bus Single Board Computer
HS-7250 BOSER-HS-7250_1 Datasheet
2Mb / 54P
Intel짰 Pentium짰 M/Celeron짰M/ ULV Intel짰 Celeron짰 M processor PCI-ISA/ISA Bus Single Board Computer
logo
Advantech Co., Ltd.
PCM-3386 ADVANTECH-PCM-3386 Datasheet
1Mb / 3P
Intel짰 Celeron짰 M PCI-104 CPU Module
09-Nov-2009
FWA-3140 ADVANTECH-FWA-3140 Datasheet
1Mb / 2P
1U Rackmount Intel짰 Pentium짰 4 Processor-based Platform with 4 PCI LAN Ports/2 PCI Expansion Slots
ARK-5280 ADVANTECH-ARK-5280 Datasheet
410Kb / 2P
Fanless, Intel짰 Pentium짰 M Embedded Box IPC, with PCI/ISA Expansion
SYS-2U2010-2A01 ADVANTECH-SYS-2U2010-2A01 Datasheet
395Kb / 2P
2U Intel짰 Pentium짰 4 2U System with 3 PCI slots
UNO-3072L ADVANTECH-UNO-3072L Datasheet
583Kb / 1P
Intel짰 Celeron짰 M Fanless Box PC with 2 x PCI Slots
logo
Intel Corporation
EW31244SL7QV INTEL-EW31244SL7QV Datasheet
3Mb / 252P
Intel짰 31244 PCI-X to Serial ATA Controller
NQ41210SL7JE INTEL-NQ41210SL7JE Datasheet
822Kb / 52P
Intel짰 41210 Serial to Parallel PCI Bridge
logo
Advantech Co., Ltd.
ARK-5420 ADVANTECH-ARK-5420_15 Datasheet
882Kb / 2P
Intel짰 3rd Generation Core??i Processor Fanless System with PCIEx4 & PCI Slot
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com