Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4626ASKTRT Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4626ASKTRT
Description  2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4626ASKTRT Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4626ASKTRT Datasheet HTML 9Page - Semtech Corporation SC4626ASKTRT Datasheet HTML 10Page - Semtech Corporation SC4626ASKTRT Datasheet HTML 11Page - Semtech Corporation SC4626ASKTRT Datasheet HTML 12Page - Semtech Corporation SC4626ASKTRT Datasheet HTML 13Page - Semtech Corporation SC4626ASKTRT Datasheet HTML 14Page - Semtech Corporation SC4626ASKTRT Datasheet HTML 15Page - Semtech Corporation SC4626ASKTRT Datasheet HTML 16Page - Semtech Corporation SC4626ASKTRT Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.semtech.com
© 2009 Semtech Corp.
13
SC4626
Pin Descriptions
Pin #
Pin Name
Pin Function
1
VIN
Input power supplies. Powers the internal circuitry and is connected to the source of high-side P channel MOSFET.
2
GND
Ground connection.
3
EN
Enable pin. When connected to logic high or tied to VIN pin, the SC4626 is on. When connected to logic low, the
device enters shutdown and consumes less than 1µA of current. The enable pin has a 1 MΩ internal pulldown
resistor. This resistor is switched in circuit whenever the EN pin is below the enable input high threshold, or when
the part is in undervoltage lockout.
4
VOUT
Output voltage sense pin.
5
LX
Switching node - connect an inductor between this pin and the output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com