Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM30T23AY Datasheet(PDF) 11 Page - STMicroelectronics

Part # SM30T23AY
Description  Automotive 3000 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T23AY Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SM30T23AY Datasheet HTML 4Page - STMicroelectronics SM30T23AY Datasheet HTML 5Page - STMicroelectronics SM30T23AY Datasheet HTML 6Page - STMicroelectronics SM30T23AY Datasheet HTML 7Page - STMicroelectronics SM30T23AY Datasheet HTML 8Page - STMicroelectronics SM30T23AY Datasheet HTML 9Page - STMicroelectronics SM30T23AY Datasheet HTML 10Page - STMicroelectronics SM30T23AY Datasheet HTML 11Page - STMicroelectronics SM30T23AY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DocID022065 Rev 3
11/12
SM30TY
Ordering information
12
4
Ordering information
Figure 19. Ordering information scheme
5
Revision history
Table 5. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
SM30TxxAY/CAY(1)
1.
Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See
Table 2 for list of available devices and their order codes
See Table 4 on page 10
SMC
0.25 g
2500
Tape and reel
SM
30T
xx
CA
Y
Surface mount
Surge rating
30 = 3000 W Transil in SMC
Breakdown voltage
Type
A = Unidirectinal
CA = Bidirectional
Automotive grade
Table 6. Document revision history
Date
Revision
Changes
28-Jul-2011
1
Initial release.
27-Mar-2012
2
Updated footnote on page 1. Removed Table 2. Thermal
parameter.
23-Jun-2014
3
Updated : Features, Table 2, Table 4 and reformatted to
current standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com