Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP55281TLX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP55281TLX/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281TLX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP55281TLX/NOPB Datasheet HTML 6Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 7Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 8Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 9Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 10Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 11Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 12Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 13Page - Texas Instruments LP55281TLX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
0
0.2
0.4
0.6
0.8
1. 0
1. 2
1.4
TIME( 200Ps/DIV)
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
.
Control= 00 :)):00
3
VIN = 6V
I LOAD = 50 mA
LP55281
SNVS458B – JUNE 2007 – REVISED JUNE 2007
www.ti.com
BOOST OUTPUT VOLTAGE CONTROL
User can control the Boost output voltage by boost output 8-bit register.
Boost Output [7:0] Register 0Fh
Boost Output Voltage (typical)
Bin
Hex
0000 0000
00
4.00
0000 0001
01
4.25
0000 0011
03
4.40
0000 0111
07
4.55
0000 1111
0F
4.70
0001 1111
1F
4.85
0011 1111
3F
5.00 (default)
0111 1111
7F
5.15
1111 1111
FF
5.30
BOOST FREQUENCY CONTROL
Register 'Frequency selections' (address 10h). Register default value after reset is 07h.
FRQ_SEL[2:0]
frequency
1XX
2.00 MHz
01X
1.67 MHz
001
1.00 MHz
Figure 5. Boost Output Voltage Control
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com