Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

POS-6510-PPC Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # POS-6510-PPC
Description  The Fanless Highly Integrated & Performance 15 Panel PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

POS-6510-PPC Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  POS-6510-PPC Datasheet HTML 1Page - Protech Systems Co., Ltd. POS-6510-PPC Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Fanless Highly Integrated &
Performance 15" Panel PC
I/O View
Side View
POS-6510-PPC
www .protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2012.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2012.
Front View
CPU Support
Intel® Atom™ D525 CPU
Memory
1 x DDR3 SO-DIMM Slot(up to 4GB)
Core Logic
Intel® ICH8M
Network
10/100/1000 Base-T Fast Ethernet
Mounting type
Support VESA 100 standard
Power Supply
72~120Watt power adapter
System Weight
6.5 kg
Dimension (W x H x D) 365 x 318.5 x 77 mm (14.37" x 12.54" x 3.03")
O.S. Support
POSReady2009 / POSReady7 /WES2009 /WES7
HDD
1 x 2.5" SATA HDD
SSD
1 x SATA half-slim type SSD
CF
Bootable Compact Flash slot for CF type I/II
storages
USB
5 x USB 2.0 port (4 on I/O port, 1 on the side of
the back cover)
Serial Ports
2 x DB-9 (COM 1/2), 1 x RJ45 (COM 3),
+5V/12V selectable (COM 1~ COM3)
Keyboard & Mouse
1 x PS/2 port
LAN
1 xRJ45
VGA
1 x DB-15 VGA interface
Audio
1 x Line-out, 1 x Mic-in Audio Jack
LCD
15" TFT LCD
Max. Resolution
1024 x 768
Brightness
250 cd/m²
Touch Screen
5-wire Analog resistive / Surface capacitive
EMC & Safety
CE, FCC
Operating Temp.
0 ~ 35° C
Storage Temp.
-20 ~ 60° C
Humidity
20 ~ 90%
PA-6055RA-B0B
POS-6510-PPC barebone, Black, ELO
resistive touchscreen & 120W power adaptor
PA-6055RZ-25A
DDR3 2GB Memory /2.5" HDD
PA-6055RZ-35B
PS2 MSR(ID tech)
PA-6055RZ-61A
Embedded wireless module (802.11b/g)
PA-6055RZ-62B
Vertical RFID module, ISO14443A (USB
interface)
PA-6052RZ-7BB
Vertical Fingerprint(USB) module
OS
POSReady2009 /POSReady7 /WES7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com