Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB40C318VPFV Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB40C318VPFV
Description  8-bit 140 MSPS A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C318VPFV Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB40C318VPFV Datasheet HTML 1Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 2Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 3Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 4Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 5Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 6Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 7Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 8Page - fujitsu semiconductor MB40C318VPFV Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DS04-28217-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP For Video Applications
CMOS
8-bit 140 MSPS A/D Converter
MB40C318V
s DESCRIPTION
MB40C318V is a high-speed A/D converter using a fast CMOS technology.
s FEATURES
• Resolution
: 8 bit
• Linearity error
:
±0.40% (standard)
• Maximum conversion rate
: 140 MSPS (minimum)
• Power supply voltage
: 5 V (standard: digital input)
3.3 V (standard: A/D converter)
• Clock input voltage range
: PECL level (140 MHz max differential input CLKEP, CLKEN)
TTL level (70 MHz max two-phase input CLKA, CLKB)
• Digital input voltage range
: TTL level (RESET)
3.3 V CMOS level (CE, OE, CKSEL, DSEL)
• Digital output voltage range : 3.3 V CMOS level compatible
• Analog input voltage range
: 0 to 3.0 V (2 Vp-p)
• Analog input capacitance
: 22 pF (standard)
• Power dissipation
: 300 mW (standard)
• Additional features
: Reference voltage generator circuit: VREFT = 3.0 V, VREFB = 1.0 V
High impedance output, power down function
1:2 demultiplex output enable (RESET action enable)
1/2 deviding clock output
Cross sampling at 70 MHz (two-phase CLK) enable (CLKA, CLKB)
• Package
: LQFP48 (7 mm
× 7 mm, lead pitch 0.5 mm)
s PACKAGE
48-pin plastic LQFP
(FPT-48P-M05)


Similar Part No. - MB40C318VPFV

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
8-bit 140 MSPS A/D Converter
MB40C318PFV FUJITSU-MB40C318PFV Datasheet
173Kb / 16P
8-bit 140 MSPS A/D Converter
More results

Similar Description - MB40C318VPFV

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Analog Devices
AD9483 AD-AD9483 Datasheet
319Kb / 26P
Triple 8-Bit, 140 MSPS A/D Converter
REV.A
logo
fujitsu semiconductor
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
8-bit 140 MSPS A/D Converter
logo
Intersil Corporation
HI1826 INTERSIL-HI1826 Datasheet
52Kb / 8P
6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3026A INTERSIL-HI3026A Datasheet
206Kb / 17P
8-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
6-Bit, 140 MSPS, Flash A/D Converter
August 2000
HI3026A INTERSIL-HI3026A_03 Datasheet
724Kb / 17P
8-Bit, 140 MSPS, Flash A/D Converter
March 2003
logo
Analog Devices
AD9483 AD-AD9483_15 Datasheet
398Kb / 28P
Triple 8-Bit, 140 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com