Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RA0024 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0024
Description  CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0024 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0024 Datasheet HTML 1Page - Solid States Devices, Inc RA0024 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Features:
• Standard Recovery
• Unheatsunk Average Output Current: 10 Amps
• Low Reverse Leakage Current
• Low Junction Capacitance
• Glass Passivated Rectifiers
• Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Common Anode and Doubler Versions Available
• TX and TXV Level screening Available
SDA381A
THRU
SDA381G
10 AMPS, 180 nsec
FAST
CENTERTAP RECTIFIER
SDA381
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
SDA381A
SDA381B
SDA381C
SDA381D
SDA381E
SDA381F
SDA381G
VRRM
VRSM
VR
50
100
200
400
600
800
1000
Volts
Average Rectified Forward Current
2
(Resistive Load, 60 hz Sine Wave, TA = 25
°C, No Heatsink)
Io
10
Amps
Peak Surge Current
1
(8.3 ms Pulse, Half Sine Wave, TA = 25
°C, per leg)
IFSM
75
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Case
RèJC
5.0
ºC/W
1/ Both legs tied together
2/ Per leg
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0024B


Similar Part No. - RA0024

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0024 SSDI-RA0024_15 Datasheet
81Kb / 2P
CENTERTAP RECTIFIER
More results

Similar Description - RA0024

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0068 SSDI-RC0068 Datasheet
100Kb / 2P
CENTERTAP RECTIFIER
RU0087D SSDI-RU0087D Datasheet
81Kb / 2P
Centertap Rectifier
RU0089F SSDI-RU0089F Datasheet
135Kb / 3P
CENTERTAP RECTIFIER
SH0029E SSDI-SH0029E Datasheet
106Kb / 2P
Centertap Rectifier
SH0049C SSDI-SH0049C Datasheet
85Kb / 2P
Centertap Rectifier
SH0082A SSDI-SH0082A Datasheet
146Kb / 3P
CENTERTAP RECTIFIER
RA0025 SSDI-RA0025_15 Datasheet
82Kb / 2P
CENTERTAP RECTIFIER
RA0050C SSDI-RA0050C_15 Datasheet
113Kb / 2P
CENTERTAP RECTIFIER
RC0027F SSDI-RC0027F_15 Datasheet
118Kb / 2P
CENTERTAP RECTIFIER
RH0145 SSDI-RH0145_15 Datasheet
229Kb / 2P
CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com