Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD155N3H6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD155N3H6
Description  N-channel 30 V, 2.5 m , 80 A, D PAK, DPAK STripFET VI DeepGATE Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD155N3H6 Datasheet(HTML) 1 Page - STMicroelectronics

  STD155N3H6 Datasheet HTML 1Page - STMicroelectronics STD155N3H6 Datasheet HTML 2Page - STMicroelectronics STD155N3H6 Datasheet HTML 3Page - STMicroelectronics STD155N3H6 Datasheet HTML 4Page - STMicroelectronics STD155N3H6 Datasheet HTML 5Page - STMicroelectronics STD155N3H6 Datasheet HTML 6Page - STMicroelectronics STD155N3H6 Datasheet HTML 7Page - STMicroelectronics STD155N3H6 Datasheet HTML 8Page - STMicroelectronics STD155N3H6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
May 2011
Doc ID 018793 Rev 2
1/
18
STB155N3H6
STD155N3H6
N-channel 30 V, 2.5 m
Ω , 80 A, D²PAK, DPAK
STripFET™ VI DeepGATE™ Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ High avalanche ruggedness
Application
■ Switching applications
■ Automotive
Description
These devices are 30 V N-channel Power
MOSFETs realized using ST`s proprietary
STripFET™ VI technology. The resulting Power
MOSFET exhibits the lowest RDS(on) in all
packages.
Figure 1.
Internal schematic diagram
Order codes
VDSS
RDS(on) max
ID
STB155N3H6
30 V
< 3 m
Ω
80 A (1)
1.
Limited by wire bonding
STD155N3H6
30 V
< 3 m
Ω
80 A (1)
DPAK
1
3
1
3
D²PAK
AM01474v1
D (TAB or 2)
G(1)
S(3)
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB155N3H6
155N3H6
D²PAK
Tape and reel
STD155N3H6
DPAK
www.st.com


Similar Part No. - STD155N3H6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD155N3LH6 STMICROELECTRONICS-STD155N3LH6 Datasheet
1,013Kb / 18P
N-channel 30 V, 2.4 mΩ , 80 A, DPAK, DPAK STripFETVI DeepGATE Power MOSFET
27-Sep-2011
logo
VBsemi Electronics Co.,...
STD155N3LH6 VBSEMI-STD155N3LH6 Datasheet
981Kb / 7P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STD155N3H6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB120N4LF6 STMICROELECTRONICS-STB120N4LF6 Datasheet
897Kb / 18P
N-channel 40 V, 3.1 mΩ, 80 A DPAK, D²PAK STripFET™VI DeepGATE??Power MOSFET
23-Feb-2011
STB120N4F6 STMICROELECTRONICS-STB120N4F6 Datasheet
998Kb / 18P
N-channel 40 V, 3.5 mΩ , 80 A, DPAK, D²PAK STripFET™VI DeepGATE??Power MOSFET
17-May-2011
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
N-channel 40 V, 8.9 mΩ, 44 A DPAK STripFET™VI DeepGATE??Power MOSFET
25-Oct-2011
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
N-channel 30 V, 0.0037 Ω , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
10-Nov-2009
STB155N3LH6 STMICROELECTRONICS-STB155N3LH6 Datasheet
1,013Kb / 18P
N-channel 30 V, 2.4 mΩ , 80 A, DPAK, DPAK STripFETVI DeepGATE Power MOSFET
27-Sep-2011
STD96N3LLH6 STMICROELECTRONICS-STD96N3LLH6 Datasheet
942Kb / 15P
N-channel 30 V, 0.0037 Ω, 80 A, DPAK STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2011
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
05-Mar-2013
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
17-May-2011
STD80N6F6 STMICROELECTRONICS-STD80N6F6 Datasheet
676Kb / 15P
Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET™VI DeepGATE™Power MOSFET in a DPAK package
17-Jan-2014
STB150N3LH6 STMICROELECTRONICS-STB150N3LH6 Datasheet
1,003Kb / 15P
N-channel 30 V, 2.4 mΩ typ., 80 A, STripFET™ VI DeepGATE™ Power MOSFET in D²PAK package
July 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com