Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EBHC15 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EBHC15
Description  DESOLDERING BRAID
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EBHC15 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  EBHC15 Datasheet HTML 1Page - List of Unclassifed Manufacturers EBHC15 Datasheet HTML 2Page - List of Unclassifed Manufacturers EBHC15 Datasheet HTML 3Page - List of Unclassifed Manufacturers EBHC15 Datasheet HTML 4Page - List of Unclassifed Manufacturers EBHC15 Datasheet HTML 5Page - List of Unclassifed Manufacturers EBHC15 Datasheet HTML 6Page - List of Unclassifed Manufacturers EBHC15 Datasheet HTML 7Page - List of Unclassifed Manufacturers EBHC15 Datasheet HTML 8Page - List of Unclassifed Manufacturers EBHC15 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PART NO.
SIZE
USAGE
S1227-O
1.2" x 2.7"
OK 45803S
S1525-O
1.55" x 2.55"
Ungar 9901; Weller SP60
S1716-P
1.7" x 1.6"
Replacement sponges for Easy Braid small soldering iron stand
S1821-P
1.8" x 2.1"
Replacement sponges for Easy Braid large soldering iron stand
S1836-M
1.8" x 3.6"
With multiple holes
S2026-S
2.0" x 2.6"
Plato CS-11; Weller MP
S2222-O
2.2" x 2.2"
With center hole
S2235-O
2.2" x 3.5"
Hexacon Thermotrac 1001, 1002; Micro Mini M65, M70; Dial A Temp1520, 1524;
Plato CS-36, Weller DS-100, EC-1000, EC-2000
S2235-S
2.2" x 3.5"
Same as S2235-O above with slits instead of hole
S2235-M
2.2" x 3.5"
Same as S2235-O with multiple holes
S2432-O
2.4" x 3.2"
With center hole
S2432-M
2.4" x 3.2"
With multiple holes
S2626-P
2.6" x 2.6"
Same as S2626-S with plain smooth top instead of slits
S2626-S
2.6" x 2.6"
Hakko 927, 928, 936; Plato CS-10; Virtual VS2626; Weller WTCP; EC-3000,
EC-4000; Weller TC205
S2626-O
2.6" x 2.6"
Same as S2626-S with a center hole instead of slits
S2626-M
2.6" x 2.6"
Same as S2626-S with multiple holes instead of slits
S2745-S
2.7" x 4.5"
Plato CS-33; Weller EC-1000, EC-2000
S3017-O
3.0" x 1.7"
With center hole
S3020-P
3.0" x 2.0"
With plain smooth top
S3020-S
3.0" x 2.0"
With slits
S3219-O
3.2" x 1.9"
Metcal; Plato CS-46
S3234-O
3.2" x 3.4"
With center hole
S3417-O
3.4" x 1.7"
With center hole
S3444-S
3.4" x 4.4"
Hexacon 810, 812, 890, 891, 892
S3444-O
3.4" x 4.4"
Same as S3444-S with a hole instead of slits
S4017-O
4.0" x 1.7"
Hakko 926, Plato CS-43; OK15495(S)5
S8517-P
8.5" x 17"
Sponge sheet
Add a “T” suffix to Part No.
when ordering 10 Pack
Add an “M” suffix to Part No.
when ordering 1,000 Pack
Modification:
“S”
= Slits
“O”
= One Hole
“M”
= Multiple Holes
“P”
= Plain Smooth Top
S1227-O
S2235-O
S3219-O
S4017-O
S1525-O
S2626-S
S3444-S
S2626-M
SOLDER SOAKERS™
Sponges Designed Specifically for Electronics
• Soldering iron tips cleaned quickly and efficiently
• Custom die-cut sponges available (minimum quantity 2,500)
• Available in standard packages of 10 or 1,000 sponges
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com