Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3431AMH/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3431AMH/NOPB
Description  3-Channel Constant Current LED Driver with Integrated Boost Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3431AMH/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3431AMH/NOPB Datasheet HTML 17Page - Texas Instruments LM3431AMH/NOPB Datasheet HTML 18Page - Texas Instruments LM3431AMH/NOPB Datasheet HTML 19Page - Texas Instruments LM3431AMH/NOPB Datasheet HTML 20Page - Texas Instruments LM3431AMH/NOPB Datasheet HTML 21Page - Texas Instruments LM3431AMH/NOPB Datasheet HTML 22Page - Texas Instruments LM3431AMH/NOPB Datasheet HTML 23Page - Texas Instruments LM3431AMH/NOPB Datasheet HTML 24Page - Texas Instruments LM3431AMH/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
2 ms/DIV
MODE/F
1V/Div
DIM
1V/Div
LEDOFF
5V/Div
ILED
100 mA/Ddiv
LM3431
www.ti.com
SNVS547F – NOVEMBER 2007 – REVISED MARCH 2009
Figure 22. Analog Dimming Mode Waveforms
In PWM dimming, the average LED current is equal to the set LED current (ILED) multiplied by the dimming duty
cycle. The average LED current tracks the dimming ratio with exceptional linearity. However, the accuracy of
average LED current depends somewhat on the rise and fall times of the external current regulators. This
becomes more apparent with short on-times. To ensure good linearity, select NPN regulators with short and
similar rise and fall times.
Setting FF
To minimize voltage transients during LED dimming, the output voltage is regulated via the AFB pin during LED
off times. However, because the control loop has a limited response time, voltage transients can never be
completely eliminated. If these transients are large enough, LED current will be affected and ceramic output
capacitors may generate audible noise. The FF pin speeds up the loop response time, and thus minimizes output
voltage transients during dimming.
A resistor connected from FF to ground, Rff, sets the FF current which is injected into the control loop at the
rising and falling edge of the dimming signal. In this way, the FF pin creates a correction signal before the control
loop can respond. A smaller FF resistor will generate a larger correction signal. The minimum recommended Rff
value is 10k.
Since the amount of FF correction required for a given application depends on many factors, it is best to
determine a FF resistor value through bench testing. Use the following procedure to determine an optimal Rff
value:
An Rff value of approximately 20k is a good starting point. A 20 k
Ω potentiometer in series with a 10 kΩ resistor
works well for bench testing.
The dimming frequency must be selected before setting Rff. Confirm that boost switching operation is stable at
100% dimming duty cycle.
Adjust Rff until the COMP pin voltage is between 0.8V and 0.9V. Next, monitor the cathode voltage response at
a low dimming duty cycle while adjusting Rff until the overshoot and undershoot is minimal or there is a slight
overshoot.
Check the cathode voltage response at the lowest input voltage and lowest dimming duty cycle and adjust Rff if
necessary. This is typically the worst case condition.
The curves in Figure 23 below show the variation in cathode voltage with different Rff settings. Notice that at the
ideal setting, both the cathode voltage and COMP voltage are flat. For clarity, the 3 cathode voltage curves in
this figure have been offset; all FF settings will result in the cathode voltage settling at 1.2V typically.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com