Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

POS-6511-MIT Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # POS-6511-MIT
Description  Bulit-in Omni-direction Laser Scanner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

POS-6511-MIT Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  POS-6511-MIT Datasheet HTML 1Page - Protech Systems Co., Ltd. POS-6511-MIT Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intel® Sandy Bridge processor to provide
High Performance 15" POS Terminal
Front View
I/O View
POS-6511-MIT
www .protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2012.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2012.
PROTECH SYSTEMS
It's the right choice
Side View
CPU Support
Intel® Celeron® Processor B810 (1.60 GHz)
(up to Intel® Core i3-2330E 2.2GHz)
Memory
1GB DDR3 SO-DIMM (up to 4GB)
Core Logic
Mobile Intel® HM65 Express Chipset
Network
10/100/1000Base-T Fast Ethernet
Power Supply
72W~120W Power adapter
System Weight
7.4 kg
Dimension (W x H x D) 365 x 421.5 x 70 mm (14.37" x 16.59" x 2.76")
O.S. Support
Windows XP / 7, POSReady7, POSReady 2009
Mounting Type
Support VESA 100 standard
HDD
1 x 2.5" SATA HDD
SSD
over or equal 16GB
CF
1 x bootable Compact Flash slot for CF type
I/II storage
USB
4 x USB 2.0 port ,1xUSB 2.0 port on side
Serial Ports
3 x DB-9 (COM 1/2/3), 1 x RJ45 (COM 4),
+5/12V Selectable
Parallel Port
1 x parallel port (SPP / EPP / ECP)
Keyboard & Mouse
1 x PS/2 port
LAN
1 x 10/100/1000 Mbps
Audio
1 x Line-out audio jack
VGA
1 x DB-15 VGA interface
Cash Drawer
1 x RJ11 port for 12V/24V Cash drawer
LCD
15" TFT LCD
Max. Resolution
1024 x 768
Brightness
250 cd/m²
Touch Screen
5-wire Analog resistive
EMC & Safety
CE, FCC
Operating Temp.
0 ~ 35° C
Storage Temp.
-20 ~ 60° C
Humidity
20 ~ 90%
PA-6056RA-C0B
POS-6511-MIT, barebone, Black,
ELO resistive touchscreen
PA-6056RZ-21A
DDR3 1GB Memory /2.5" HDD
PA-6055RZ-35B
Horizontal MSR Module (ID TECH PS2
interface)
PA-6053RZ-9EB
Vertical MSR module (ID TECH PS2 interface)
PA-6055RZ-61A
Embedded wireless module (802.11b/g)
PA-6055RZ-62B
vertical RFID module, ISO14443A( USB
interface)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com