Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFS4010PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS4010PBF
Description  High Efficiency Synchronous Rectification in SMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4010PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFS4010PBF Datasheet HTML 1Page - International Rectifier IRFS4010PBF Datasheet HTML 2Page - International Rectifier IRFS4010PBF Datasheet HTML 3Page - International Rectifier IRFS4010PBF Datasheet HTML 4Page - International Rectifier IRFS4010PBF Datasheet HTML 5Page - International Rectifier IRFS4010PBF Datasheet HTML 6Page - International Rectifier IRFS4010PBF Datasheet HTML 7Page - International Rectifier IRFS4010PBF Datasheet HTML 8Page - International Rectifier IRFS4010PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFS/SL4010PbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.057mH
RG = 25
Ω, IAS = 106A, VGS =10V. Part not recommended for use
above this value .
ƒ ISD ≤ 106A, di/dt ≤ 1319A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
„ Pulse width ≤ 400μs; duty cycle ≤ 2%.
S
D
G
…Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
†Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
‡When mounted on 1" square PCB (FR-4 or G-10 Material). For recom
mended footprint and soldering echniques refer to application note #AN-994.
ˆRθ is measured at TJ approximately 90°C
‰ RθJC value shown is at time zero
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.10
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
3.9
4.7
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG(int)
Internal Gate Resistance
–––
2.0
–––
Ω
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
189
–––
–––
S
Qg
Total Gate Charge
–––
143
215
Qgs
Gate-to-Source Charge
–––
38
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
50
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
93
–––
td(on)
Turn-On Delay Time
–––
21
–––
tr
Rise Time
–––
86
–––
td(off)
Turn-Off Delay Time
–––
100
–––
tf
Fall Time
–––
77
–––
Ciss
Input Capacitance
–––
9575
–––
Coss
Output Capacitance
–––
660
–––
Crss
Reverse Transfer Capacitance
–––
270
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related)h ––– 757 –––
Coss eff. (TR) Effective Output Capacitance (Time Related)g
–––
1112
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
72
–––
TJ = 25°C
VR = 85V,
–––
81
–––
TJ = 125°C
IF = 106A
Qrr
Reverse Recovery Charge
–––
210
–––
TJ = 25°C
di/dt = 100A/μs
f
–––
268
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
5.3
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VDS = 25V, ID = 106A
ID = 106A
VGS = 20V
VGS = -20V
MOSFET symbol
showing the
VDS = 50V
Conditions
VGS = 10V f
VGS = 0V
VDS = 50V
ƒ = 1.0MHz See Fig.5
VGS = 0V, VDS = 0V to 80V hSee Fig.11
VGS = 0V, VDS = 0V to 80V g
TJ = 25°C, IS = 106A, VGS = 0V f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 5mA™
VGS = 10V, ID = 106A f
VDS = VGS, ID = 250μA
VDS = 100V, VGS = 0V
VDS = 100V, VGS = 0V, TJ = 125°C
ID = 106A
RG = 2.7Ω
VGS = 10V f
VDD = 65V
ID = 106A, VDS =0V, VGS = 10V
pF
A
–––
–––
–––
–––
μA
nA
nC
ns
ns
nC
180
720



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com