Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41AB3MPFPEP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB3MPFPEP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB3MPFPEP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSB41AB3MPFPEP Datasheet HTML 3Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 4Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 5Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 6Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 7Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 8Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 9Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 10Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
TSB41AB3EP
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS122C − JULY 2002 − REVISED JUNE 2008
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
NO.
I/O
DESCRIPTION
AGND
Supply
36, 37, 38,
39, 40, 41,
60, 61, 64,
65
−
Analog circuit ground terminals. These terminals must be tied together to the low-impedance circuit
board ground plane.
AVDD
Supply
34, 35, 47,
48, 54, 62,
63
−
Analog circuit power terminals. A combination of high-frequency decoupling capacitors near each
terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. These supply terminals are separated from PLLVDD and DVDD
internal to the device to provide noise isolation. They are tied at a low-impedance point on the circuit
board.
CNA
CMOS
17
O
Cable not active output. This terminal is asserted high when there are no ports receiving incoming bias
voltage.
CPS
CMOS
27
I
Cable power status input. This terminal is normally connected to cable power through a 400-k
Ω
resistor. This circuit drives an internal comparator that is used to detect the presence of cable power.
This terminal is tied directly to DGND through a 1-k
Ω resistor if application does not require it to be
used.
CTL0
CTL1
CMOS
5 V tol
4
5
I/O
Control I/Os. These bidirectional signals control communication between the TSB41AB3 and the LLC.
Bus holders are built into these terminals.
C/LKON
CMOS
22
I/O
Bus manager contender programming input and link-on output. On hardware reset, this terminal is
used to set the default value of the contender status indicated during self-ID. Programming is done by
tying the terminal through a 10-k
Ω resistor to a high (contender) or low (not contender). The resistor
allows the link-on output to override the input. However, it is recommended that this terminal be
programmed low, and that the contender status be set via the C register bit.
If the TSB41AB3 is used with an LLC that has a dedicated terminal for monitoring LKON and also
setting the contender status, then a 10-k
Ω series resistor is placed on the LKON line between the PHY
and LLC to prevent bus contention.
Following hardware reset, this terminal is the link-on output, which is used to notify the LLC to
power-up and become active. The link-on output is a square-wave signal with a period of
approximately 163 ns (8 SYSCLK cycles) when active. The link-on output is otherwise driven low,
except during hardware reset when it is high impedance.
The link-on output is activated if the LLC is inactive (LPS inactive or the LCtrl bit cleared) and when one
of the following is true:
a) the PHY receives a link-on PHY packet addressed to this node
b) the PEI (port-event interrupt) register bit is 1
c) any of the CTOI (configuration-timeout interrupt), CPSI (cable-power-status interrupt), or STOI
(state-timeout interrupt) register bits are 1 and the RPIE (resuming-port interrupt enable) register
bit is also 1.
Once activated, the link-on output stays active until the LLC becomes active (both LPS active and the
LCtrl bit set). The PHY also deasserts the link-on output when a bus-reset occurs unless the link-on
output is otherwise active because one of the interrupt bits is set (i.e., the link-on output is active due
solely to the reception of a link-on PHY packet).
NOTE: If an interrupt condition exists which otherwise causes the link-on output to be activated if the
LLC were inactive, the link-on output is activated when the LLC subsequently becomes inactive.
DGND
Supply
3, 16, 20,
21, 28, 70,
80
−
Digital circuit ground terminals. These terminals must be tied together to the low-impedance circuit
board ground plane.
D0−D7
CMOS
5 V tol
7, 8, 10,
11, 12, 13,
14, 15
I/O
Data I/Os. These are bidirectional data signals between the TSB41AB3 and the LLC. Bus holders are
built into these terminals.
DVDD
Supply
6, 29, 30,
68, 69, 79
−
Digital circuit power terminals. A combination of high-frequency decoupling capacitors near each
terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. These supply terminals are separated from PLLVDD and AVDD
internal to the device to provide noise isolation. They must be tied at a low-impedance point on the
circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com