Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB89173LPF Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB89173LPF
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89173LPF Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB89173LPF Datasheet HTML 17Page - fujitsu semiconductor MB89173LPF Datasheet HTML 18Page - fujitsu semiconductor MB89173LPF Datasheet HTML 19Page - fujitsu semiconductor MB89173LPF Datasheet HTML 20Page - fujitsu semiconductor MB89173LPF Datasheet HTML 21Page - fujitsu semiconductor MB89173LPF Datasheet HTML 22Page - fujitsu semiconductor MB89173LPF Datasheet HTML 23Page - fujitsu semiconductor MB89173LPF Datasheet HTML 24Page - fujitsu semiconductor MB89173LPF Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21
MB89170/170A/170L Series
2. Registers
The F2MC-8L family has two types of registers; dedicated hardware registers in the CPU and general-purpose
memory registers. The following dedicated registers are provided:
Program counter (PC):
A 16-bit register for indicating the instruction storage positions
Accumulator (A):
A 16-bit temporary register for arithmetic operations, etc. When the
instruction is an 8-bit data processing instruction, the lower byte is used.
Temporary accumulator (T):
A 16-bit register which is used for arithmetic operations with the accumulator
When the instruction is an 8-bit data processing instruction, the lower byte is used.
Index register (IX):
A 16-bit register for index modification
Extra pointer (EP) :
A 16-bit pointer for indicating a memory address
Stack pointer (SP) :
A 16-bit pointer for indicating a stack area
Progam status (PS) :
A 16-bit register for storing a register pointer, a condition code
The PS can further be divided into higher 8 bits for use as a register bank pointer (RP) and the lower 8 bits for
use as a condition code register (CCR). (See the diagram below.)
PC
A
T
IX
EP
SP
PS
16 bits
: Program counter
: Accumulator
: Temporary accumulator
: Index register
: Extra pointer
: Stack pointer
: Program status
FFFDH
Indeterminate
Indeterminate
Indeterminate
Indeterminate
Indeterminate
I-flag = 0, IL1, 0 = 11
The other bit values are indeterminate.
Initial value
Structure of the Program Status Register
Vacancy
H
I
IL1, 0
N
Z
VC
54
RP
PS
10
9876
3210
15
14
13
12
11
RP
CCR
Vacancy Vacancy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com