Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC560H Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC560H
Description  Dual Output Low Noise LDO Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC560H Datasheet(HTML) 1 Page - Semtech Corporation

  SC560H Datasheet HTML 1Page - Semtech Corporation SC560H Datasheet HTML 2Page - Semtech Corporation SC560H Datasheet HTML 3Page - Semtech Corporation SC560H Datasheet HTML 4Page - Semtech Corporation SC560H Datasheet HTML 5Page - Semtech Corporation SC560H Datasheet HTML 6Page - Semtech Corporation SC560H Datasheet HTML 7Page - Semtech Corporation SC560H Datasheet HTML 8Page - Semtech Corporation SC560H Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
POWER MANAGEMENT
1
SC560
Dual Output Low Noise LDO
Linear Regulator
© 2014 Semtech Corporation
Features
Input voltage range — 2.5V to 5.5V
Output voltage ranges — 1.2V to 5.0V (each LDO)
Maximum output current — 300mA (both LDOs)
Dropout at 200mA load — 200mV max.
Quiescent supply current — 100μA (both LDOs
enabled)
Shutdown current — 100nA (typ)
Output noise < 50μV
RMS (SC560A and
xed output
versions)
PSRR < -65dB at 1kHz (SC560A and
xed output
versions)
Over-temperature protection
Short-circuit protection
Under-voltage lockout
Power good monitor for output A (SC560C and xed
output versions)
Independent enable/disable for LDOB (SC560B and
xed output versions)
MLPQ-UT8, 1.5mm x 1.5mm x 0.6mm package
Lead-free and halogen-free
Applications
PDAs and cellular phones
GPS devices
Palmtop computers and handheld instruments
TFT/LCD applications
Wireless handsets
Digital cordless phones and PCS phones
Personal communicators
Wireless LAN
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
Description
The SC560 is a family of dual output, ultra-low dropout
linear voltage regulators designed for use in battery
powered wireless applications. The SC560A, SC560B, and
SC560C provide adjustable output voltages that can be
set using two external resistors. Fixed output voltages
are also available (see ordering information for available
combinations). Fixed output devices provide the power-
good monitor, independent enable pins, and a bypass pin
for low-noise operation
All members of the SC560 family require an input voltage
level between 2.5V and 5.5V. Output voltages for the
adjustable versions can vary between 1.2V and 5.0V. Fixed
output voltage options are also chosen from this range.
The SC560A provides superior low-noise performance
by using an external bypass capacitor connected to pin
7 to lter the bandgap reference. The SC560B uses pin 7
as a separate enable pin for the second regulator output
so the two outputs can be controlled independently.
The SC560C uses this pin to provide a PGOOD output
to hold a processor in reset when the voltage on OUTA
is not in regulation. All other versions provide all three
functions with xed output voltages (no feedback pins
are provided).
The device also provides protection circuitry such as
current limiting, under-voltage lockout, and thermal
protection to prevent device failures. Stability is
maintained by using 1µF capacitors on the output pins.
The MLPQ-UT8 package and 0402 ceramic capacitors
minimize the required PCB area.
C IN
2 .2 µF
OU T A
OU T B
VIN
EN B
EN
OU T B
EN
OU T A
GN D
EN B
PG O OD
B YP
VIN
SC560D
C OUTA
1 µF
C OUTB
1 µF
C BYP
22 n F
PG O OD
Typical Application Circuit
Rev. 7.1


Similar Part No. - SC560H

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC560HULTRT SEMTECH-SC560HULTRT Datasheet
312Kb / 18P
Dual Output Low Noise LDO Linear Regulator
More results

Similar Description - SC560H

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1458 SEMTECH-SC1458 Datasheet
212Kb / 13P
Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560 Datasheet
285Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC561 SEMTECH-SC561 Datasheet
277Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC560 SEMTECH-SC560_08 Datasheet
291Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC560CULTRT SEMTECH-SC560CULTRT Datasheet
275Kb / 15P
Dual Output Low Noise LDO Linear Regulator
SC560HULTRT SEMTECH-SC560HULTRT Datasheet
312Kb / 18P
Dual Output Low Noise LDO Linear Regulator
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
Dual Output 300mA LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
1A Automotive Low-Noise LDO Linear Regulator
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com