Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90641APF Datasheet(PDF) 69 Page - fujitsu semiconductor

Part # MB90641APF
Description  16-bit Proprietary Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90641APF Datasheet(HTML) 69 Page - fujitsu semiconductor

Back Button MB90641APF Datasheet HTML 65Page - fujitsu semiconductor MB90641APF Datasheet HTML 66Page - fujitsu semiconductor MB90641APF Datasheet HTML 67Page - fujitsu semiconductor MB90641APF Datasheet HTML 68Page - fujitsu semiconductor MB90641APF Datasheet HTML 69Page - fujitsu semiconductor MB90641APF Datasheet HTML 70Page - fujitsu semiconductor MB90641APF Datasheet HTML 71Page - fujitsu semiconductor MB90641APF Datasheet HTML 72Page - fujitsu semiconductor MB90641APF Datasheet HTML 73Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
69
MB90640A Series
(11) Timer Input Timing
(VCC = 4.5 V to 5.5 V, VSS = 0.0 V, TA = –40°C to +85°C)
tCP: See “ (1) Clock Timing.”
(12) Timer Output Timing
(VCC = 4.5 V to 5.5 V, VSS = 0.0 V, TA = –40°C to +85°C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min.
Max.
Input pulse width
tTIWH
tTIWL
TIM0 to TIM4
—
4 tCP
—ns
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min.
Max.
CLK
↑ → TOUT change timing tTO
TIM0 to TIM4
—
30
—
ns
0.8 VCC
0.2 VCC
tTIWH
0.2 VCC
0.8 VCC
tTIWL
CLK
TOUT
tTO
2.4 V
2.4 V
0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com