Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1L05APU33R Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST1L05APU33R
Description  Very low quiescent current BiCMOS voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05APU33R Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST1L05APU33R Datasheet HTML 10Page - STMicroelectronics ST1L05APU33R Datasheet HTML 11Page - STMicroelectronics ST1L05APU33R Datasheet HTML 12Page - STMicroelectronics ST1L05APU33R Datasheet HTML 13Page - STMicroelectronics ST1L05APU33R Datasheet HTML 14Page - STMicroelectronics ST1L05APU33R Datasheet HTML 15Page - STMicroelectronics ST1L05APU33R Datasheet HTML 16Page - STMicroelectronics ST1L05APU33R Datasheet HTML 17Page - STMicroelectronics ST1L05APU33R Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Typical characteristics
ST1L05
14/30
DocID14492 Rev 3
5
Typical characteristics
Figure 6. Output voltage vs temperature
VO = 1.22 V, IO = 10 mA
Figure 7. Output voltage vs temperature
VO = 1.22 V, IO = 1.3 A
Figure 8. Output voltage vs temperature
VO =2.5 V, IO = 10 mA
Figure 9. Output voltage vs temperature
VO = 2.5 V, IO = 1.3 A
Figure 10. Line regulation vs temperature
Figure 11. Load regulation vs temperature
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
-30
-5
20
45
70
95
120
145
T [°C]
V
EN = VI = 5 V, IO = 0.01 A, CI = CO = 4.7 µF
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
-30
-5
20
45
70
95
120
145
T [°C]
V
EN = VI = 5 V, IO = 0.01 A, CI = CO = 4.7 µF
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
-30
-5
20
45
70
95
120
145
T [°C]
V
EN = VI = 5 V, IO = 1.3 A, CI = CO = 4.7 µF
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
-30
-5
20
45
70
95
120
145
T [°C]
V
EN = VI = 5 V, IO = 1.3 A, CI = CO = 4.7 µF
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
-30
-5
204570
95
120
145
T [°C]
V
I = 5 V, IO = 0.01 A, CI = CO = 4.7 µF
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
-30
-5
204570
95
120
145
T [°C]
V
I = 5 V, IO = 0.01 A, CI = CO = 4.7 µF
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
-30
-5
204570
95
120
145
T [°C]
V
I = 5 V, IO = 1.3 A, CI = CO = 4.7 µF
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
-30
-5
204570
95
120
145
T [°C]
V
I = 5 V, IO = 1.3 A, CI = CO = 4.7 µF
-20
-15
-10
-5
0
5
10
15
20
-30
-5
20
45
70
95
120
T [°C]
V
EN = VI = from 4.75 to 5.25 V, IO = 0.005 A, CIN = CO = 4.7 µF
-20
-15
-10
-5
0
5
10
15
20
-30
-5
20
45
70
95
120
T [°C]
V
EN = VI = from 4.75 to 5.25 V, IO = 0.005 A, CIN = CO = 4.7 µF
0
10
20
30
40
50
-30
-5
20
45
70
95
120
145
T [°C]
V
EN = VI = 4.75 V, IO = from 0.01 to 1.3 A, CI = CO = 4.7 µF
0
10
20
30
40
50
-30
-5
20
45
70
95
120
145
T [°C]
V
EN = VI = 4.75 V, IO = from 0.01 to 1.3 A, CI = CO = 4.7 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com