Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB89151APF Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB89151APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89151APF Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB89151APF Datasheet HTML 4Page - fujitsu semiconductor MB89151APF Datasheet HTML 5Page - fujitsu semiconductor MB89151APF Datasheet HTML 6Page - fujitsu semiconductor MB89151APF Datasheet HTML 7Page - fujitsu semiconductor MB89151APF Datasheet HTML 8Page - fujitsu semiconductor MB89151APF Datasheet HTML 9Page - fujitsu semiconductor MB89151APF Datasheet HTML 10Page - fujitsu semiconductor MB89151APF Datasheet HTML 11Page - fujitsu semiconductor MB89151APF Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
MB89150/150A Series
• Pin assignment on package top
N.C.: Internally connected. Do not use.
Pin no.
Pin name
Pin no.
Pin name
Pin no.
Pin name
Pin no.
Pin name
81
N.C.
89
A2
97
N.C.
105
OE
82
VPP
90
A1
98
O4
106
N.C.
83
A12
91
A0
99
O5
107
A11
84
A7
92
N.C.
100
O6
108
A9
85
A6
93
O1
101
O7
109
A8
86
A5
94
O2
102
O8
110
A13
87
A4
95
O3
103
CE
111
A14
88
A3
96
VSS
104
A10
112
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
P41/SEG21*2
P42/SEG22*2
P43/SEG23*2
P44/SEG24*2
P45/SEG25*2
P46/SEG26*2
P47/SEG27*2
P50/SEG28*2
P51/SEG29*2
P52/SEG30*2
P53/SEG31*2
P54/SEG32*2
P55/SEG33*2
P56/SEG34*2
VSS
P57/SEG35*2
X1
X0
MOD1
MOD0
RST
P00/INT20
P01/INT21
P02/INT22
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
SEG4
SEG3
SEG2
SEG1
SEG0
COM3
COM2
COM1
COM0
VCC
V3
V2
V1
V0
P32
P31
P30/RCO
X1A
X0A
P27/BUZ*1
P26*1
P25/SCK
P24/SO
P23/SI
(Top view)
101
102
103
104
105
106
107
108
109
93
92
91
90
89
88
87
86
85
*1: N-ch open-drain high-current drive type
*2: Selected using the mask option (in units of 4 pins).
(MQP-80C-P01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com