Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB89153APF Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB89153APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89153APF Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB89153APF Datasheet HTML 1Page - fujitsu semiconductor MB89153APF Datasheet HTML 2Page - fujitsu semiconductor MB89153APF Datasheet HTML 3Page - fujitsu semiconductor MB89153APF Datasheet HTML 4Page - fujitsu semiconductor MB89153APF Datasheet HTML 5Page - fujitsu semiconductor MB89153APF Datasheet HTML 6Page - fujitsu semiconductor MB89153APF Datasheet HTML 7Page - fujitsu semiconductor MB89153APF Datasheet HTML 8Page - fujitsu semiconductor MB89153APF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
DS07-12506-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
8-bit Proprietary Microcontroller
CMOS
F2MC-8L MB89150/150A Series
MB89151/151A/152/152A/153/153A/154/154A/155/155A
MB89P155/PV150
s DESCRIPTION
The MB89150/A series has been developed as general-purpose version of the F2MC*-8L family consisting of
proprietary 8-bit, single-chip microcontrollers.
In addition to a compact instruction set, the MB89150 series microcontrollers contain a variety of peripheral
functions such as dual-clock control system, five operating speed control stages, timers, a serial interface, a
remote control transmission output, external interrupts, an LCD controller/driver, an LCD booster, and a watch
prescaler.
*: F2MC stands for FUJITSU Flexible Microcontroller.
s FEATURES
•F2MC-8L family CPU core
• Dual-clock system
• High-speed processing at low voltage
• Minimum execution time: 0.95
µs/2.7 V, 1.33 µs/2.2 V
• I/O ports: max. 43 channels
• 21-bit time-base timer
• 8/16-bit timer/counter: 1 channel (8 bits
× 2 channels)
• 8-bit serial I/O: 1 channel
• LCD controller/driver: Max. 36 segments
× 4 commons (built-in booster)
• Remote control transmission output
(Continued)
s PACKAGE
80-pin Plastic QFP
80-pin Plastic LQFP
80-pin Ceramic MQFP
80-pin Plastic LQFP
(FPT-80P-M06)
(FPT-80P-M11)
(FPT-80P-M05)
(MQP-80C-P01)


Similar Part No. - MB89153APF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MB89101BAN MURATA-MB89101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB89101BBN MURATA-MB89101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB89101CAN MURATA-MB89101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB89101CBN MURATA-MB89101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB89101DAN MURATA-MB89101DAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB89153APF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com