Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6580VS/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6580VS/NOPB
Description  8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6580VS/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMH6580VS/NOPB Datasheet HTML 1Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 2Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 3Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 4Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 5Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 6Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 7Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LMH6580, LMH6581
www.ti.com
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
±5V ELECTRICAL CHARACTERISTICS
(1)
Unless otherwise specified, typical conditions are: TA = 25°C, AV = +2, VS = ±5V, RL = 100Ω; Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
Frequency Domain Performance
SSBW
−3 dB Bandwidth
VOUT = 0.5 VPP
(4)
450
LMH6580 VOUT = 1 VPP,
500
LMH6581 VOUT = 2 VPP, RL = 1 kΩ
MHz
LSBW
LMH6580 VOUT = 1 VPP,
450
LMH6581 VOUT = 2 VPP, RL = 150Ω
GF
0.1 dB Gain Flatness
LMH6580, VOUT = 1 VPP,
100
MHz
LMH6581, VOUT = 2 VPP, RL = 150Ω
DG
Differential Gain
RL = 150Ω, 3.58 MHz/4.43 MHz
.05
%
DP
Differential Phase
RL = 150Ω, 3.58 MHz/4.43 MHz
.05
deg
Time Domain Response
tr
Rise Time
LMH6580 2V, Step, 10% to 90%
2.8
ns
LMH6581 2V, Step, 10% to 90%
1.2
tf
Fall Time
2V Step, 10% to 90%
1.6
ns
OS
Overshoot
2V Step
<1
%
SR
Slew Rate
LMH6580, 2 VPP, 40% to 60%
(5)
1200
V/µs
SR
Slew Rate
LMH6581, 6 VPP, 40% to 60%
(5)
2100
V/µs
ts
Settling Time
2V Step, VOUT Within 0.5%
6
ns
Distortion And Noise Response
HD2
2nd Harmonic Distortion
2 VPP, 5 MHz
−80
dBc
HD3
3rd Harmonic Distortion
2 VPP, 5 MHz
−70
dBc
en
Input Referred Voltage Noise
>1 MHz
12
nV/
√Hz
in
Input Referred Noise Current
>1 MHz
2
pA/
√Hz
XTLK
Cross Talk
All Hostile, f = 100 MHz
−45
dBc
Channel to Channel, f = 100 MHz
−52
dBc
ISOL
Off Isolation
f = 100 MHz
−65
dBc
Static, DC Performance
AV
Gain
LMH6581
1.986
2.00
2.014
LMH6580
0.995
1.00
1.005
Vos
Input Offset Voltage
±2
±17
mV
TCVos
Input Offset Voltage Average Drift
See(6)
38
µV/°C
IB
Input Bias Current
Non-Inverting(7)
−5
±12
µA
TCIB
Input Bias Current Average Drift
Non-Inverting(6)
−12
nA/°C
VO
Output Voltage Range
LMH681, RL = 100Ω
±3.4
±3.6
V
LMH6580, RL = 100Ω
±2.9
±3.0
VO
Output Voltage Range
LMH6581, RL = ∞Ω
±3.7
±3.9
V
LMH6580, RL = ∞Ω
±2.9
±3.0
PSRR
Power Supply Rejection Ratio
DC
−42
−45
dBc
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. No ensured parametric performance is
indicated in the electrical tables under conditions different than those tested.
(2)
Room Temperature limits are 100% production tested at 25°C. Factory testing conditions result in very limited self-heating of the device
such that TJ = TA. Limits over the operating temperature range are specified through correlation using Statistical Quality Control (SQC)
methods.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(4)
This parameter is specified by design and/or characterization and is not tested in production.
(5)
Slew Rate is the average of the rising and falling edges.
(6)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(7)
Negative input current implies current flowing out of the device.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6580 LMH6581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com