Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSCMRD Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # FSCMRD
Description  SC Fiber Optic Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FSCMRD Datasheet(HTML) 2 Page - PANDUIT CORP.

  FSCMRD Datasheet HTML 1Page - PANDUIT CORP. FSCMRD Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2010 Panduit Corp.
ALL RIGHTS RESERVED.
WW-FBSP15
10/2010
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Jalisco, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800-777-3300 and reference FBSP15
Visit us at www.panduit.com
For more information
Dimensions are in inches [Dimensions in brackets are in millimeters].
performance information
Test Parameter
Description
Result
Qualification test suite
(TIA/EIA-568-B.3 requirements)
Complete testing protocol per TIA/EIA-568-B.3
using TIA/EIA FOTPs that include mechanical,
environmental and optical test sequences
Compliant; exceeds
TIA/EIA-568-B.3 requirements
Connector intermatability
Dimensional and material compliance to
TIA/EIA standards
All connectors are FOCIS compliant
with TIA/EIA-604-3
*All connector insertion loss values calculated from tests taken with precision launch jumper assemblies per TIA/EIA-FOTP-171.
selection information
Part Number
FSCMBL
Simplex
900µm buffered fiber and
3.0mm jacketed cable
FSCM5BL
Simplex
900 micron buffered fiber and
3.0mm jacketed cable
FSCDM5BL
Duplex
FSCM2.05BL
Simplex
900 micron buffered fiber and
1.6 – 2.0mm jacketed cable
FSCMRD
Simplex
900µm buffered fiber and
3.0mm jacketed cable
FSCM2.0BL
Simplex
900µm buffered fiber and
1.6mm – 2.0mm jacketed cable
FSCM2.0RD
Simplex
900µm buffered fiber and
1.6mm – 2.0mm jacketed cable
FSCDM
Duplex
3.0mm jacketed cable
3.0mm jacketed cable
FSCSBU
Simplex
900µm buffered fiber and
3.0mm jacketed cable
FSCS2.0BU
Simplex
900µm buffered fiber and
1.6mm – 2.0mm jacketed cable
Connector
Type
Cable Type
Fiber
Ferrule
Housing
Color
Boot
Color
Return
Loss
Average
Insertion Loss*
Multimode
Zirconia
Ceramic
Electric
Ivory
Black
Black
Black
Red
Red
Red and
Black
>20
0.1dB
Singlemode
Zirconia
Ceramic
Blue
Blue
>40
0.15dB
SC Fiber Optic Connectors
2.20 [55.9]
2.20 [55.9]
SC Simplex Connectors
For 900µm Fiber and 3.0mm Jacketed Cable
For 3.0mm Jacketed Cable
SC Duplex Connector
2.20
[55.9]
FSCMBL, FSCM5BL, FSCMRD, FSCSBU
FSCDM, FSCDM5BL
1.93 [49.0]
1.93 [49.0]
For 900µm Fiber and 1.6mm – 2.0mm Jacketed Cable
FSCM2.0BL, FSCM2.05BL, FSCM2.0RD, FSCS2.0BU



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com