Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM360MX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM360MX/NOPB
Description  LM160QML High Speed Differential Comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM360MX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM360MX/NOPB Datasheet HTML 1Page - Texas Instruments LM360MX/NOPB Datasheet HTML 2Page - Texas Instruments LM360MX/NOPB Datasheet HTML 3Page - Texas Instruments LM360MX/NOPB Datasheet HTML 4Page - Texas Instruments LM360MX/NOPB Datasheet HTML 5Page - Texas Instruments LM360MX/NOPB Datasheet HTML 6Page - Texas Instruments LM360MX/NOPB Datasheet HTML 7Page - Texas Instruments LM360MX/NOPB Datasheet HTML 8Page - Texas Instruments LM360MX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LM160QML
SNOSAR0A – NOVEMBER 2010 – REVISED MARCH 2013
www.ti.com
LM160H/883 Electrical Characteristics DC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VOH B
Logical "1" Output Voltage
VCC ±4.5V, IO = -320µA
2.4
V
1, 2, 3
VOH A
Logical "1" Output Voltage
VCC ±4.5V, IO = -320µA
2.4
V
1, 2, 3
VOLA
Logical "0" Output Voltage
VCC ±4.5V, IO = 6.4mA
0.4
V
1, 2, 3
VOLB
Logical "0" Output Voltage
VCC = 4.5V, IO = 6.4mA
0.4
V
1, 2, 3
IIB
Input Bias Current
VCC = ±5V, VIN = 5V
20
µA
1, 2, 3
ICC+
Positive Supply Current
VCC = ±6.5V
32
mA
1, 2, 3
ICC-
Negative Supply Current
VCC = ±6.5V
-16
mA
1, 2, 3
IOS B
Short Circuit Current
VCC = ±4.5V
-15
-52
mA
1, 2, 3
IOS A
Short Circuit Current
VCC = ±4.5V
-15
-52
mA
1, 2, 3
VIO
Input Offset Voltage
VCC = ±5V
-5.0
5.0
mV
1, 2, 3
IIO
Input Offset Current
VCC = ±5V
-3.0
3.0
µA
1, 2, 3
VCC = ±5V, VIN(1) = 0,
II (1)
Unbalanced Input Current
See(1)
-1.0
mA
1, 2, 3
VIN (2) = 5V
VCC = ±5V, VIN (1) = 5V,
II (2)
Unbalanced Input Current
See(1)
-1.0
mA
1, 2, 3
VIN (2) = 0V
VCC
Supply Voltage
See(1)
±4.5
±6.5
V
1, 2, 3
BVCC
Supply Breakdown Voltage
See(1)
±8.0
V
1, 2, 3
Common Mode Input Voltage
VCM
VCC = ±6.5V
See(1)
±4.0
V
1, 2, 3
Range
VDiff
Differential Input Voltage Range
See(1)
±5.0
V
1, 2, 3
(1)
Parameter tested go
−no−go, only.
LM160H/883 Electrical Characteristics AC Parameters
The following conditions apply, unless otherwise specified.
VCC = ±5V, ƒ = 10MHz (sinusoidal)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
tResp
Response Time
VIN = 30mVP−P
See(1)
25
nS
9
tResp
Response Time
VIN = 2 VP−P
See(1)
20
nS
9
(1)
Bench test, use 70256644.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM160QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com