Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RH0237 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RH0237
Description  SINGLE PHASE BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0237 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RH0237 Datasheet HTML 1Page - Solid States Devices, Inc RH0237 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
SDA165
10 AMPS
400 - 1000 VOLTS
ULTRAFAST RECOVERY
SINGLE PHASE BRIDGE
SDA165DUF
thru
SDA165GUF
• PIV 400 to 1000 Volts
• Average Output 10A.
• Reverse Recovery up to 70 ns
• Small Size
• Hermetically Sealed Rectifier Cells
• Easy PC Mounting
• Maximum Thermal Resistance 5.0oC/W
• -55 to +150oC Operating and Storage Temperature
• Available in Standard and Hyperfast Recovery Times
• TX, TXV, and S Level Screening Available
1.30
ELECTRICAL CHARACHTERISTICS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RH0237B
Part
Number
Symbol
Units
Conditions
SDA165DUF
SDA165EUF
Peak
Inverse Voltage
(per Leg)
Average
Rectified
Current
Maximum
Surge Current
(1 Cycle)
Maximum
Forward Voltage
(per Leg)
PIV
IO
IFSM
VF
Volts
Amps
Amps
Volts
55oC25oCIF= 3A, TA= 25oC
10
75
1.20
400
10
75
1.20
600
NOTES:
1. Maximum forward voltage measured with instantaneous forward pulse of 300
µsec minimum.
2. Unless otherwise specified: TA = 25oC.
3/ tRR shall be as measured at
IF = 500mA, IR = 1.0A, IRR = 250 mA, TA= 25oC
Maximum
Reverse Current
(@ PIV)
IR
µµµµµA
25oC
100oC
10
1000
10
1000
25oC
SDA165FUF
10
75
1.40
800
10
250
SDA165GUF
10
75
1.40
1000
10
250
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Reverse
Recovery Time
(per Leg)
tRR
nsec
3/
60
60
70
70


Similar Part No. - RH0237

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0237 SSDI-RH0237_15 Datasheet
27Kb / 2P
ULTRAFAST RECOVERY SINGLE PHASE BRIDGE
More results

Similar Description - RH0237

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MB IRF-26MB Datasheet
46Kb / 6P
SINGLE PHASE BRIDGE
GBPC IRF-GBPC Datasheet
131Kb / 6P
SINGLE PHASE BRIDGE
GBPC3512 IRF-GBPC3512 Datasheet
270Kb / 6P
SINGLE PHASE BRIDGE
26MB05A IRF-26MB05A Datasheet
50Kb / 6P
SINGLE PHASE BRIDGE
36MB160A IRF-36MB160A Datasheet
74Kb / 6P
SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0008 SSDI-RA0008 Datasheet
26Kb / 2P
SINGLE PHASE BRIDGE
RA0009 SSDI-RA0009 Datasheet
58Kb / 2P
SINGLE PHASE BRIDGE
RA0011B SSDI-RA0011B Datasheet
108Kb / 2P
SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D Datasheet
120Kb / 2P
SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D_15 Datasheet
120Kb / 2P
SINGLE PHASE BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com