Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM4004W-W-S-R01-W Datasheet(PDF) 8 Page - Rectron Semiconductor

Part # FM4004W-W-S-R01-W
Description  PASSIVATED SILICON RECTIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4004W-W-S-R01-W Datasheet(HTML) 8 Page - Rectron Semiconductor

Back Button FM4004W-W-S-R01-W Datasheet HTML 2Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 3Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 4Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 5Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 6Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 7Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 8Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 9Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 10Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
REEL TAPING SPECIFICATIONS FOR
A
E
F
d
P1
P0
W
B
P
SURFACE MOUNT DEVICES-FLAT MELF
D
W1
D2
D1
( SMA/SMB/SMC )
T
MAX. 3
o
MAX. 3
o
A
R
C
Fig.: Configuration of FLAT MELF TAPING
(SMA/SMB/SMC)
ITEM
SYMBOL
DO214AC (SMA) mm(inch)
DO214AA (SMB) mm(inch)
DO214AB (SMC) mm(inch)
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole diameter
Strocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Totall tape thickness
Tape width
Reel width
A
B
C
d
D
D1
D2
E
F
P
P0
P1
T
W
W1
2.6 0.15 (0.102 0.006)
5.15 0.15 (0.203 0.006)
2.3 0.15 (0.091 0.006)
1.5 0.1 (0.059 0.004)
178 2.0 (7.0 0.079)
50 Min.
13 0.5 (0.512 0.020)
1.5 0.1 (0.059 0.004)
5.65 0.05 (0.222 0.002)
4.0 0.1 (0.157 0.004)
4.0 0.1 (0.157 0.004)
2.0 0.1 (0.079 0.004)
0.30 0.05 (0.012 0.002)
12.0 0.2 (0.472 0.008)
16.8 2.0 (0.661 0.079)
3.65 0.1 (0.144 0.004)
5.69 0.1 (0.224 0.004)
2.67 0.1 (0.105 0.004)
1.5 0.1 (0.059 0.004)
178 2.0 (7.0 0.079)
50 Min.
13 0.5 (0.512 0.020)
1.5 0.1 (0.059 0.004)
5.65 0.05 (0.222 0.002)
8.0 0.1 (0.315 0.004)
4.0 0.1 (0.157 0.004)
2.0 0.1 (0.079 0.004)
0.6 Max.
12.0 0.2 (0.472 0.008)
16.8 2.0 (0.661 0.079) 24.0 2.0 (0.945 0.079)
16.0 0.2 (0.630 0.008)
0.6 Max.
4.0 0.1 (0.157 0.004)
4.0 0.1 (0.157 0.004)
8.0 0.1 (0.315 0.004)
7.65 0.05 (0.301 0.002)
1.5 0.1 (0.059 0.004)
13 0.5 (0.512 0.020)
50 Min.
178 2.0 (7.0 0.079)
1.5 0.1 (0.059 0.004)
2.5 0.1 (0.098 0.004)
8.30 0.1 (0.327 0.004)
6.0 0.1 (0.236 0.004)
Note: 1.Devices are packed in accordance with EIA standard RS-481-A and specification given above.
2.Available on 7 inch ( 1500 ct. ) or 13 inch ( 5000 ct. ) diameter reels.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com