Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N4124 Datasheet(PDF) 2 Page - General Semiconductor

Part # 2N4124
Description  Small Signal Transistors (NPN)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

2N4124 Datasheet(HTML) 2 Page - General Semiconductor

  2N4124 Datasheet HTML 1Page - General Semiconductor 2N4124 Datasheet HTML 2Page - General Semiconductor 2N4124 Datasheet HTML 3Page - General Semiconductor 2N4124 Datasheet HTML 4Page - General Semiconductor 2N4124 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
2N4124
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 1 V, IC = 2.0 mA
at VCE = 1 V, IC = 50 mA
hFE
hFE
120
–
–
60
360
–
–
–
Collector-Base Cutoff Current
at VCB = 20 V
ICBO
––50
nA
Emitter-Base Cutoff Current
at VEB = 3 V
IEBO
––50
nA
Collector Saturation Voltage
at IC = 50 mA, IB = 5 mA
VCESAT
––0.3
V
Base Saturation Voltage
at IC = 50 mA, IB = 5 mA
VBESAT
––0.95
V
Collector-Emitter Breakdown Voltage
at IC = 1 mA
V(BR)CEO
25
–
–
V
Collector-Base Breakdown Voltage
at IC = 10 µA
V(BR)CBO
30
–
–
V
Emitter-Base Breakdown Voltage
at IE = 10 µA
V(BR)EBO
5––
V
Gain-Bandwidth Product
at VCE = 5 V, IC = 10 mA, f = 50 MHz
fT
–
200
–
MHz
Collector-Base Capacitance
at VCB = 10 V, f = 1 MHz
CCBO
–12
–
pF
Thermal Resistance Junction to Ambient Air
RthJA
–
–
2001)
K/W
1) Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com