Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DR331-2 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR331-2
Description  SMD INDUCTOR DR331-2 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR331-2 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR331-2_14 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 2, 2011
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
.170
4,32
.260 MAX.
6,60
.115 MAX.
2,92
.050
1,27
.055
1,40
.140
3,56
.160
4,06
1
2
XXX
.175 MAX.
4,45
SUGGESTED PAD LAYOUT
ELECTRICAL SPECIFICATIONS AT 25°C
DCR
I rms (A)
I sat (A)
SRF
Part No.
Inductance (
H)
(
) Max.
Max. (Note 3)
Max. (Note 2)
(MHz) REF.
DR331-2-102
1.0
 20%
0.05
2.9
2.9
130
DR331-2-152
1.5
 20%
0.05
2.8
2.6
115
DR331-2-222
2.2
 20%
0.07
2.4
2.3
90
DR331-2-332
3.3
 20%
0.08
2.0
2.0
70
DR331-2-472
4.7
 20%
0.09
1.5
1.5
50
DR331-2-682
6.8
 20%
0.13
1.4
1.2
45
DR331-2-103
10
 20%
0.16
1.1
1.1
35
DR331-2-153
15
 20%
0.23
1.2
0.90
30
DR331-2-223
22
 10%
0.37
0.80
0.70
20
DR331-2-333
33
 10%
0.51
0.60
0.58
15
DR331-2-473
47
 10%
0.64
0.50
0.50
14
DR331-2-683
68
 10%
0.86
0.40
0.40
11
DR331-2-104
100
10%
1.27
0.30
0.31
9.0
DR331-2-154
150
 10%
2.00
0.25
0.27
6.0
DR331-2-224
220
 10%
3.11
0.20
0.22
5.5
DR331-2-334
330
 10%
3.80
0.16
0.18
5.0
DR331-2-474
470
 10%
6.20
0.15
0.16
4.0
DR331-2-684
680
 10%
9.20
0.12
0.14
3.0
DR331-2-105
1000
 10%
13.80
0.07
0.10
2.0
MECHANICAL SPECIFICATIONS
SMD INDUCTOR DR331-2 SERIES
Features
Low Profile Surface Mount Design
Inductance Range from 1.0µH to 1000µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 8)
1
2
SCHEMATIC
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance
= Inches: ±0.010
= Millimeters: ±0,25
2.
Isat based on the inductance being 90% of its
initial value
3.
Irms based on temperature rise of 40°C
4.
Tape & Reel Packaging, 2000 pcs / reel.
5.
Inductance tested at 0.1 Vrms @ 100 kHz
6.
Terminal finish is compliant to RoHS
requirements
7.
Solder in accordance with J-STD-002 Rev. D
8.
Non-RoHS series parts 42-331-2-XXX are
finished with leaded solder Sn60Pb40 or
equivalent


Similar Part No. - DR331-2_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-2-102 DATATRONICS-DR331-2-102 Datasheet
77Kb / 1P
SMD INDUCTOR
DR331-2-103 DATATRONICS-DR331-2-103 Datasheet
77Kb / 1P
SMD INDUCTOR
DR331-2-104 DATATRONICS-DR331-2-104 Datasheet
77Kb / 1P
SMD INDUCTOR
DR331-2-105 DATATRONICS-DR331-2-105 Datasheet
77Kb / 1P
SMD INDUCTOR
DR331-2-152 DATATRONICS-DR331-2-152 Datasheet
77Kb / 1P
SMD INDUCTOR
More results

Similar Description - DR331-2_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-1 DATATRONICS-DR331-1_14 Datasheet
71Kb / 1P
SMD INDUCTOR DR331-1 SERIES
DR331-3 DATATRONICS-DR331-3_14 Datasheet
71Kb / 1P
SMD INDUCTOR DR331-3 SERIES
DR331-4 DATATRONICS-DR331-4_14 Datasheet
79Kb / 1P
SMD INDUCTOR DR331-4 SERIES
DR331-5 DATATRONICS-DR331-5_14 Datasheet
82Kb / 1P
SMD INDUCTOR DR331-5 SERIES
DR331-6 DATATRONICS-DR331-6_14 Datasheet
76Kb / 1P
SMD INDUCTOR DR331-6 SERIES
DR331-7 DATATRONICS-DR331-7_14 Datasheet
80Kb / 2P
SHIELDED SMD INDUCTOR DR331-7 SERIES
DR331-8 DATATRONICS-DR331-8_14 Datasheet
71Kb / 1P
SHIELDED SMD INDUCTOR DR331-8 SERIES
DR331-9 DATATRONICS-DR331-9_14 Datasheet
94Kb / 1P
SHIELDED SMD INDUCTOR DR331-9 SERIES
DR352-2 DATATRONICS-DR352-2_14 Datasheet
79Kb / 1P
SMD INDUCTOR DR352-2 SERIES
DR355-2 DATATRONICS-DR355-2_14 Datasheet
78Kb / 1P
SMD INDUCTOR DR355-2 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com