Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS2DDR2811 Datasheet(PDF) 7 Page - Texas Instruments

Part # TS2DDR2811
Description  1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS2DDR2811 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS2DDR2811 Datasheet HTML 3Page - Texas Instruments TS2DDR2811 Datasheet HTML 4Page - Texas Instruments TS2DDR2811 Datasheet HTML 5Page - Texas Instruments TS2DDR2811 Datasheet HTML 6Page - Texas Instruments TS2DDR2811 Datasheet HTML 7Page - Texas Instruments TS2DDR2811 Datasheet HTML 8Page - Texas Instruments TS2DDR2811 Datasheet HTML 9Page - Texas Instruments TS2DDR2811 Datasheet HTML 10Page - Texas Instruments TS2DDR2811 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CL
(see Note A)
TEST CIRCUIT
S1
2 × VCC
Open
GND
RL
RL
VOH
VOL
VOLTAGE WAVEFORMS
OUTPUT SKEW (tsk(o))
Data Out at
YB1 or YB 2
50 Ω
VG1
VCC
DUT
50 Ω
VSEL
50 Ω
VG2
50 Ω
VI
TEST
RL
S1
CL
3.3 V ± 0.3 V
VCC
Vin
tsk(p)
tsk(o)
3.3 V ± 0.3 V
Open
Open
200 Ω
200 Ω
VCC or GND
VCC or GND
10 pF
10 pF
Input Generator
Input Generator
VO
(VOH + VOL)/2
VOH
VOL
Data Out at
XB1 or XB 2
(VOH + VOL)/2
3.5 V
1.5 V
Data In at
Ax or A y
2.5 V
tPLHx
tPHLx
tsk(o)
tsk(o)
tPLHy
tPHLy
tsk(o) = tPLHy - t PLHx or tPHLy - t PHLx
VOH
VOL
VOLTAGE WAVEFORMS
PULSE SKEW [t sk(p)]
Output
(VOH + VOL)/2
Input
2.5 V
tPLH
tPHL
tsk(p) = tPHL - t PLH
3.5 V
1.5 V
VO
VI
VO
TS2DDR2811
www.ti.com
SCDS294 – DECEMBER 2009
PARAMETER MEASUREMENT INFORMATION
(Skew)
A.
CL includes probe and jig capacitance.
B.
Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output
control. Waveform 2is for an output with internal conditions such that the output is high, except when disabled by the
output control.
C.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5
ns, tf ≤ 2.5 ns.
D.
The outputs are measured one at a time, with one transition per measurement.
Figure 6. Test Circuit and Voltage Waveforms
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS2DDR2811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com