Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G53DCTRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G53DCTRG4
Description  SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53DCTRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC2G53DCTRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G53DCTRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G53DCTRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G53DCTRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G53DCTRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G53DCTRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC2G53DCTRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC2G53DCTRG4 Datasheet HTML 11Page - Texas Instruments SN74LVC2G53DCTRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
V
M
t
h
t
su
FromOutput
UnderTest
C
L
(seeNote A)
LOADCIRCUIT
S1
V
LOAD
Open
GND
R
L
RL
DataInput
TimingInput
V
I
0V
V
I
0V
0V
t
w
Input
VOLTAGEWAVEFORMS
SETUP ANDHOLDTIMES
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
INVERTING ANDNONINVERTINGOUTPUTS
VOLTAGEWAVEFORMS
PULSEDURATION
t
PLH
t
PHL
t
PHL
t
PLH
V
OH
V
OH
V
OL
V
OL
V
I
0V
Input
Output
Waveform1
S1atV
(seeNoteB)
LOAD
Output
Waveform2
S1atGND
(seeNoteB)
V
OL
V
OH
t
PZL
T
PZH
t
PLZ
t
PHZ
V
/2
LOAD
0V
V
+V
OL
D
V
-V
OH
D
»0V
V
I
VOLTAGEWAVEFORMS
ENABLE ANDDISABLETIMES
LOW- ANDHIGH-LEVEL ENABLING
Output
Output
t
/t
PLH PHL
t
/t
PLZ PZL
t
/t
PHZ PZH
Open
V
LOAD
GND
TEST
S1
NOTES: A.C includesprobeandjigcapacitance.
L
B.Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol.
Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol.
C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10Mhz,Z =50
£
W
O
D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement.
E.t
andt
arethesameast .
PLZ
PHZ
dis
F.t
andt
arethesameast .
PZL
PZH
en
G.t
andt
arethesameast .
PLH
PHL
pd
H. Allparametersandwaveformsarenotapplicabletoalldevices.
Output
Control
V
M
V
M
V
M
V
M
V
M
V
M
V
M
V
M
V
M
V
M
V
M
V
M
V
I
V
M
V
M
1.8V
0.15V
±
2.5V
0.2V
±
3.3V
0.3V
±
5V
0.5V
±
1k W
500 W
500 W
500 W
V
CC
R
L
2
V
´ CC
2
V
´ CC
2
V
´ CC
2 ´ VCC
V
LOAD
C
L
30pF
30pF
50pF
50pF
0.15V
0.15V
0.3V
0.3V
V
D
V
CC
V
CC
V
CC
V
CC
V
I
V
/2
CC
V
/2
CC
V
/2
CC
V
/2
CC
V
M
t /t
r f
£2ns
£2ns
£2.5ns
£2.5ns
INPUTS
SN74LVC2G53
SCES324N – JULY 2001 – REVISED JANUAY 2014
www.ti.com
Parameter Measurement Information
Figure 5. Load Circuit and Voltage Waveforms
8
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links :SN74LVC2G53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com