Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP339N/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP339N/NOPB
Description  Ultra-Low Power Quad Comparator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP339N/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP339N/NOPB Datasheet HTML 1Page - Texas Instruments LP339N/NOPB Datasheet HTML 2Page - Texas Instruments LP339N/NOPB Datasheet HTML 3Page - Texas Instruments LP339N/NOPB Datasheet HTML 4Page - Texas Instruments LP339N/NOPB Datasheet HTML 5Page - Texas Instruments LP339N/NOPB Datasheet HTML 6Page - Texas Instruments LP339N/NOPB Datasheet HTML 7Page - Texas Instruments LP339N/NOPB Datasheet HTML 8Page - Texas Instruments LP339N/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LP339
Ultra-Low Power Quad Comparator
General Description
The LP339 consists of four independent voltage compara-
tors designed specifically to operate from a single power
supply and draw typically 60 µA of power supply drain cur-
rent over a wide range of power supply voltages. Operation
from split supplies is also possible and the ultra-low power
supply drain current is independent of the power supply volt-
age. These comparators also feature a common-mode
range which includes ground, even when operated from a
single supply.
Applications
include
limit
comparators,
simple
analog-to-digital converters, pulse, square and time delay
generators; VCO’s; multivibrators; high voltage logic gates.
The LP339 was specifically designed to interface with the
CMOS logic family. The ultra-low supply current makes the
LP339 valuable in battery powered applications.
Advantages
n
Ultra-low power supply drain suitable for battery
applications
n
Single supply operation
n
Sensing at ground
n
Compatible with CMOS logic family
n
Pin-out identical to LM339
Features
n
Ultra-low power supply current drain
(60 µA) — independent of the supply voltage
(75 µW/comparator at +5 V
DC)
n
Low input biasing current:
3 nA
n
Low input offset current:
±0.5 nA
n
Low input offset voltage:
±2mV
n
Input common-mode voltage includes ground
n
Output voltage compatible with MOS and CMOS logic
n
High output sink current capability (30 mA at V
O=2 VDC)
n
Supply Input protected against reverse voltages
Schematic and Connection Diagrams
Typical Applications (V+= 5.0 V
DC)
DS005226-1
DS005226-2
Order Number LP339M for S.O. Package
See NS Package Number M14A
Order Number LP339N for Dual-In-Line Package
See NS Package Number N14A
Basic Comparator
DS005226-3
Driving CMOS
DS005226-4
August 2000
© 2000 National Semiconductor Corporation
DS005226
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com