Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM6511IMX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM6511IMX/NOPB
Description  180 ns 3V Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6511IMX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM6511IMX/NOPB Datasheet HTML 1Page - Texas Instruments LM6511IMX/NOPB Datasheet HTML 2Page - Texas Instruments LM6511IMX/NOPB Datasheet HTML 3Page - Texas Instruments LM6511IMX/NOPB Datasheet HTML 4Page - Texas Instruments LM6511IMX/NOPB Datasheet HTML 5Page - Texas Instruments LM6511IMX/NOPB Datasheet HTML 6Page - Texas Instruments LM6511IMX/NOPB Datasheet HTML 7Page - Texas Instruments LM6511IMX/NOPB Datasheet HTML 8Page - Texas Instruments LM6511IMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM6511
SNOS695C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Supply Voltage
−0.3 to +36V
Output to Negative Supply Voltage
50V
Ground to Negative Supply Voltage
30V
Differential Input Voltage
±30V
Input Voltage
See(1)
Storage Temperature Range
−65°C to +150°C
Soldering Information:
SOIC Package (Vapor Phase in 60 sec)
215°C
SOIC Package (Infrared in 15 sec)
220°C
Power Dissipation
500 mW
Output Short Circuit Duration
10s
Junction Temperature
150°C
ESD Rating (C = +100 pF, R = 1.5 k
Ω)
300V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions the
device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions,
see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
Operating Ratings
(1)
Supply Voltage
2.5V to 30V
Temperature Range
−40°C ≤ TJ ≤ +85°C
Thermal Resistance (
θJA)
SOIC Package
170°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions the
device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions,
see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed.
DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 2.7V,
V
− = 0V, 50Ω ≤ R
L ≤ 50kΩ, and IL = 1.0 mA unless otherwise specified
Symbol
Parameter
Conditions
Typical
LM6511I
Units
(Limits)
Limit
VOS
Offset Voltage
RS ≤ 50 kΩ
(1)
1.5
5
mV
8
max
IB
Input Bias Current
38
130
nA
max
200
IOS
Input Offset Current
RS ≤ 50 kΩ
(1)
1.5
20
nA
max
50
IS
Positive Supply Current
2.7
3.5
5
mA
max
Negative Supply Current
1.5
2.0
2.5
VSAT
Saturation Voltage
VIN ≤ 10 mV
0.23
0.4
V
ISINK = 8 mA
0.4
max
AV
Large Signal Voltage Gain
ΔVOUT = 2V
40
V/mV
CMRR
Common Mode Rejection Ratio
72
dB
ISTROBE
Strobe ON Current
See(2)
2.0
5.0
mA
max
(1)
The offset voltage and offset current limits are the maximum values required to drive the output within a volt of either supply with a 1 mA
load. Therefore, these parameters define an error band and take into account the worst-case effects of voltage gain and input
impedance.
(2)
This specification gives the range of current which must be drawn from the strobe pin to ensure the output is properly disabled. Do not
short the strobe pin to ground; it should be current driven at 3 mA to 5 mA.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM6511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com