Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SNAP-IDC5FAST Datasheet(PDF) 1 Page - Opto Electronics Co,. LTD

Part # SNAP-IDC5FAST
Description  SNAP Digital Input Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-IDC5FAST Datasheet(HTML) 1 Page - Opto Electronics Co,. LTD

  SNAP-IDC5FAST Datasheet HTML 1Page - Opto Electronics Co,. LTD SNAP-IDC5FAST Datasheet HTML 2Page - Opto Electronics Co,. LTD SNAP-IDC5FAST Datasheet HTML 3Page - Opto Electronics Co,. LTD SNAP-IDC5FAST Datasheet HTML 4Page - Opto Electronics Co,. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SNAP Digital Input Modules
PAGE
1
Features
Four channels per module
4,000-volt transient isolation
Convenient pluggable wiring terminals
Channel-specific LEDs
Operating temperature: 0 to 70 °C
UL and CE approved
Accepts up to 14 AWG wire
Factory Mutual approved (part numbers ending in FM)
Description
Opto 22 SNAP I/O digital input modules
are part of the SNAP PAC System. Optical
isolation on these modules provides
4,000 volts of transient (4000 V for 1 ms)
protection for sensitive control
electronics from industrial field signals.
Digital input modules can sense either
AC or DC signals.
All SNAP digital modules have
removable top-mounted connectors to
provide easy access for field wiring, and
all operate on 5 VDC control logic. Each
digital module features integral channel-
specific LEDs for convenient
troubleshooting and maintenance. Each
module is factory tested twice and is UL
and CE approved. In addition, part
numbers ending in FM are Factory
Mutual approved.
SNAP input modules are used to sense
the on or off status for AC or DC voltages
from such sources as proximity switches,
push buttons, or auxiliary contacts. The
SNAP-IDC5G is ideal for detecting 48
VDC in telecom applications. The SNAP-
IDC5-HT is designed for sensors that
have a high leakage current.
The SNAP-IDC5-SW and SNAP-IDC5-
SW-NC modules supply power to an
external dry contact switch and sense
Part Numbers
Part
Description
SNAP-IAC5
SNAP 4-channel 90–140 VAC input, 5 VDC logic
SNAP-IAC5A
SNAP 4-channel 180–280 VAC input, 5 VDC logic
SNAP-IAC5MA*
SNAP 4-channel isolated 90–140 VAC/VDC input, 5 VDC logic,
with manual/auto switches
SNAP-IAC5FM
SNAP 4-channel 90–140 VAC/VDC input, 5 VDC logic, Factory
Mutual approved
SNAP-IAC5AFM
SNAP 4-channel 180–280 VAC input, 5 VDC logic, Factory
Mutual approved
SNAP-IDC5
SNAP 4-channel 10–32 VDC input, 5 VDC logic
SNAP-IDC5D
SNAP 4-channel 2.5–28 VDC input, 5 VDC logic
SNAP-IDC5FAST
SNAP 4-channel high-speed 2.5–16 VDC input, VDC logic
SNAP-IDC5-FAST-A* SNAP 4-channel high-speed 18–32 VDC input, 5 VDC logic
SNAP-IDC5G*
SNAP 4-channel 35–75 VAC/DC input, 5 VDC logic
SNAP-IDC5AF
SNAP 4-channel high-speed 75–140 VDC input, 5 VDC logic
SNAP-IDC5GF
SNAP 4-channel high-speed 35–75 VDC input, 5 VDC logic
SNAP-IDC5HT
SNAP 4-channel 15–32 VDC leakage-tolerant input, 5 VDC logic
SNAP-IDC5MA
SNAP 4-channel isolated high-speed 10–32 VAC/VDC input,
5 VDC logic, with manual/auto switches
SNAP-IDC5-SW*
SNAP 4-channel switch status input, normally open
SNAP-IDC5-SW-NC* SNAP 4-channel switch status input, normally closed
SNAP-IDC5FM
SNAP 4-channel 10–32 VDC input, 5 VDC logic, Factory Mutual
approved
SNAP-IDC5DFM
SNAP 4-channel 2.5–28 VDC input, 5 VDC logic
SNAP-RETN4
SNAP 4-module retention rail (OEM)
SNAP-RETN4B
SNAP 4-module retention rail, 25-pack (OEM)
SNAP-RETN6
SNAP 6-module retention rail (OEM)
SNAP-RETN6B
SNAP 6-module retention rail, 25-pack (OEM)
SNAP-FUSE4AB
SNAP 4-amp fuse, 25-pac
* UL approval pending
SNAP Digital Input Modules


Similar Part No. - SNAP-IDC5FAST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNAP-IDC-HDB ETC2-SNAP-IDC-HDB Datasheet
1Mb / 29P
SNAP TEX Cables and Breakout Boards
SNAP-IDC-HDB-FM* ETC2-SNAP-IDC-HDB-FM* Datasheet
1Mb / 29P
SNAP TEX Cables and Breakout Boards
More results

Similar Description - SNAP-IDC5FAST

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMAX-2752SY ADVANTECH-AMAX-2752SY Datasheet
598Kb / 2P
32-ch Isolated Digital Input/Output Slave Modules
logo
National Instruments Co...
NI9401 NI-NI9401 Datasheet
451Kb / 5P
C Series Digital Input and Counter/Timer Modules
CFP-DI-300 NI-CFP-DI-300 Datasheet
339Kb / 5P
Digital Input Modules for Compact FieldPoint
NICRIO-9411 NI-NICRIO-9411 Datasheet
200Kb / 3P
CompactRIO Digital Input and Counter/Timer Modules
logo
Opto Electronics Co,. L...
SNAP-AIV E-OEC-SNAP-AIV Datasheet
1Mb / 46P
SNAP Analog Input Modules
SNAP-AOV-27 E-OEC-SNAP-AOV-27 Datasheet
383Kb / 15P
SNAP Analog Output Modules
logo
Advantech Co., Ltd.
AMAX-2752SY ADVANTECH-AMAX-2752SY_14 Datasheet
240Kb / 1P
32-ch Isolated Digital Input/Output Slave Modules
logo
List of Unclassifed Man...
SNAP-SCM-232 ETC2-SNAP-SCM-232 Datasheet
179Kb / 5P
SNAP Serial Communication Modules
logo
Texas Instruments
ISO1211 TI1-ISO1211 Datasheet
474Kb / 28P
Isolated 24-V Digital Input Receivers for Digital Input Modules
logo
Advantech Co., Ltd.
AMAX-2750SY ADVANTECH-AMAX-2750SY Datasheet
327Kb / 1P
32-ch Isolated Digital Input/Output Slave Modules
19-Mar-2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com