Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SNAP-IDC5AF Datasheet(PDF) 2 Page - Opto Electronics Co,. LTD

Part # SNAP-IDC5AF
Description  SNAP Digital Input Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-IDC5AF Datasheet(HTML) 2 Page - Opto Electronics Co,. LTD

  SNAP-IDC5AF Datasheet HTML 1Page - Opto Electronics Co,. LTD SNAP-IDC5AF Datasheet HTML 2Page - Opto Electronics Co,. LTD SNAP-IDC5AF Datasheet HTML 3Page - Opto Electronics Co,. LTD SNAP-IDC5AF Datasheet HTML 4Page - Opto Electronics Co,. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SNAP Digital Input Modules
.
PAGE
3
Specifications: DC Input Modules
See page 7 for SNAP-IDC5-SW and SNAP-IDC5-SW-NC specifications and wiring.
SNAP-IDC5
SNAP-IDC5D
SNAP-IDC5G
SNAP-IDC5-HT
Key Feature
--
--
--
Leakage-tolerant
Field Side Ratings (each channel)
Nominal Input Voltage
24 VAC/VDC
5 VDC
48 VAC/VDC
24 VAC/VDC
Channel-to-channel isola-
tion
300 VAC
(1,500 V transient)
300 VAC
(1,500 V transient)
300 VAC
(1,500 V transient)
300 VAC
(1,500 V transient)
Input Voltage Range
10–32 VAC/VDC
2.5–28 VDC
35–75 VAC/VDC
15–32 VAC/VDC
Turn-on Voltage
10 VAC/VDC
2.5 VDC
35 VAC/VDC
15 VAC/VDC
Turn-off Voltage
3 VAC/VDC
1 VDC
7 VAC/VDC
8 VAC/VDC
Input Resistance
15 K ohms (nominal)
3 K ohms (nominal)
64 K ohms (nominal)
3 K ohms (nominal)
Logic Side Ratings
Logic Output Voltage
<.5 V max. (on)
@ 2 mA sinking
2.7 V min. (off)
@ 0.4 mA sourcing
<.5 V max. (on)
@ 2 mA sinking
2.7 V min. (off)
@ 0.4 mA sourcing
<.5 V max. (on)
@ 2 mA sinking
2.7 V min. (off)
@ 0.4 mA sourcing
<.5 V max. (on)
@ 2 mA sinking
2.7 V min. (off)
@ 0.4 mA sourcing
Logic Supply Voltage***
5 VDC ± 0.25 VDC
5 VDC ± 0.25 VDC
5 VDC ± 0.25 VDC
5 VDC ± 0.25 VDC
Logic Supply Current
50 mA maximum
50 mA maximum
50 mA maximum
50 mA maximum
Negative True Logic Out-
put Drive
TTL 74 Series = 1 UL
TTL 74LS Series = 5 UL
TTL 74 Series = 1 UL
TTL 74LS Series = 5 UL
TTL 74 Series = 1 UL
TTL 74LS Series = 5 UL
TTL 74 Series = 1 UL
TTL 74LS Series = 5 UL
Module Ratings
Number of Channels Per
Module
4
444
Turn-on Time
5 msec
1 msec
5 msec
20 msec
Turn-off Time
15 msec
1 msec
15 msec
25 msec
Optical Isolation
(Field Side to Logic Side)
4,000 volts (transient)
4,000 volts (transient)
4,000 volts (transient)
4,000 volts (transient)
Temperature
0 °C to 70 °C, operating
-30 °C to 85 °C, storage
0 °C to 70 °C, operating
-30 °C to 85 °C, storage
0 °C to 70 °C, operating
-30 °C to 85 °C, storage
0 °C to 70 °C, operating
-30 °C to 85 °C, storage
* At 20kHz, 5Vp-p square wave input, 50% duty cycle.
** At 20kHz, 28Vp-p square wave input, 50% duty cycle.
*** When used with an I/O processor (brain or on-the-rack controller), the processor requires 5.0 to 5.2 VDC.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com