Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC548CD Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC548CD
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC548CD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC548CD Datasheet HTML 5Page - Texas Instruments TLC548CD Datasheet HTML 6Page - Texas Instruments TLC548CD Datasheet HTML 7Page - Texas Instruments TLC548CD Datasheet HTML 8Page - Texas Instruments TLC548CD Datasheet HTML 9Page - Texas Instruments TLC548CD Datasheet HTML 10Page - Texas Instruments TLC548CD Datasheet HTML 11Page - Texas Instruments TLC548CD Datasheet HTML 12Page - Texas Instruments TLC548CD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TLC548C, TLC548I, TLC549C, TLC549I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS067C – NOVEMBER 1983 – REVISED SEPTEMBER 1996
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
For certain applications, such as strobing applications, it is necessary to start conversion at a specific point in time.
This device accommodates these applications. Although the on-chip sample-and-hold function begins sampling
upon the high-to-low transition of the fourth I/O CLOCK cycle, the hold function does not begin until the high-to-low
transition of the eighth I/O CLOCK cycle, which should occur at the moment when the analog signal must be
converted. The TLC548 and TLC549 continue sampling the analog input until the high-to-low transition of the eighth
I/O CLOCK pulse. The control circuitry or software then immediately lowers I/O CLOCK and starts the holding function
to hold the analog signal at the desired point in time and starts the conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20