Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DR355-2 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR355-2
Description  SMD INDUCTOR DR355-2 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR355-2 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR355-2_14 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
April 12, 2011
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong
Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice:
5.84 +/-0.25
SUGGESTED PAD LAYOUT
3.18
1.27
2.79
4.70
3.30
3.05
.58 +/-0.38
6.84
SMD INDUCTOR DR355-2 SERIES
Features
Low Profile Surface Mount Design
Suitable for Reflow soldering
Inductance Range from 17.5nH to 43nH
Operating Temp. -40°C to +125°C
Tinned Leads with Leaded Solder is Available (note 4)
ELECTRICAL SPECIFICATIONS AT 25ºC
PART NO.
INDUCTANCE
(nH)
@ 0A
Q Min.
Test Freq.
(MHz)
SRF (MHz)
Min.
DCR (m
)
MAX.
MAX. RATED
CURRENT
(A) (TYP.)
DR355-2-183
17.5
5%
100
150
2200
4.5
4.0
DR355-2-223
22.0
5%
102
150
2100
5.2
4.0
DR355-2-283
28.0
5%
105
150
1800
6.0
4.0
DR355-2-363
35.5
5%
112
150
1500
6.8
4.0
DR355-2-433
43.0
5%
106
150
1200
7.9
4.0
MECHANICAL OUTLINES
NOTE:
1.
All dimensions shown are in “mm”.
2.
All dimensions are reference unless other specified
3.
Tape and reel quantity, 1000 pcs/reel
4.
For non-RoHS parts replace DR prefix with 42- (e.g. DR355-2 becomes 42-355-2)
5.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D


Similar Part No. - DR355-2_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR355-2-183 DATATRONICS-DR355-2-183 Datasheet
82Kb / 1P
SMD INDUCTOR
More results

Similar Description - DR355-2_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-2 DATATRONICS-DR331-2_14 Datasheet
73Kb / 1P
SMD INDUCTOR DR331-2 SERIES
DR337-2 DATATRONICS-DR337-2_14 Datasheet
122Kb / 1P
SMD INDUCTOR DR337-2 SERIES
DR349-2 DATATRONICS-DR349-2_14 Datasheet
87Kb / 2P
SMD INDUCTOR DR349-2 SERIES
DR352-2 DATATRONICS-DR352-2_14 Datasheet
79Kb / 1P
SMD INDUCTOR DR352-2 SERIES
DR353-2 DATATRONICS-DR353-2_14 Datasheet
81Kb / 1P
SMD INDUCTOR DR353-2 SERIES
DR354-2 DATATRONICS-DR354-2_14 Datasheet
156Kb / 2P
SMD INDUCTOR DR354-2 SERIES
DR355-1 DATATRONICS-DR355-1_14 Datasheet
73Kb / 1P
SMD INDUCTOR DR355-1 SERIES
DR355-3 DATATRONICS-DR355-3_14 Datasheet
82Kb / 1P
SMD INDUCTOR DR355-3 SERIES
DR355-4 DATATRONICS-DR355-4_14 Datasheet
73Kb / 1P
SMD INDUCTOR DR355-4 SERIES
DR356-2 DATATRONICS-DR356-2_14 Datasheet
83Kb / 1P
SMD INDUCTOR DR356-2 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com