Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DR355-3-683 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR355-3-683
Description  SMD INDUCTOR DR355-3 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR355-3-683 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR355-3-683 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
April 12, 2011
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice
SMD INDUCTOR DR355-3 SERIES
Features
Low Profile Surface Mount Design
Suitable for Reflow soldering
Inductance Range from 22nH to 120nH
Operating Temp. -40°C to +125°C
Tinned Leads with Leaded Solder is Available (note 3)
ELECTRICAL SPECIFICATIONS AT 25ºC
PART NO.
INDUCTANCE
(nH)
@ 0A
Q Min.
Test Freq.
(MHz)
SRF (MHz)
Min.
DCR (m
)
MAX.
MAX. RATED
CURRENT
(A) (TYP.)
DR355-3-223
22
5%
100
150
3200
4.2
3.0
DR355-3-273
27
5%
100
150
2700
4.0
3.5
DR355-3-333
33
5%
100
150
2500
4.8
3.0
DR355-3-393
39
5%
100
150
2100
4.4
3.0
DR355-3-473
47
5%
100
150
2100
5.6
3.0
DR355-3-563
56
5%
100
150
1500
6.2
3.0
DR355-3-683
68
5%
100
150
1500
8.2
2.5
DR355-3-823
82
5%
100
150
1300
9.4
2.5
DR355-3-104
100
5%
100
150
1200
12.3
1.7
DR355-3-124
120
5%
100
150
1100
17.3
1.5
.
MECHANICAL OUTLINES
Typical Response Curves for DR355s
NOTES:
1.
All dimensions shown are in “mm”.
2.
Tape and reel quantity, 750 pcs/reel
3.
For non-RoHS parts replace DR prefix with 42- (e.g. DR355-3 becomes 42-355-3)
4.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D


Similar Part No. - DR355-3-683

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR355-3-683 DATATRONICS-DR355-3-683 Datasheet
86Kb / 1P
SMD INDUCTOR
More results

Similar Description - DR355-3-683

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-3 DATATRONICS-DR331-3_14 Datasheet
71Kb / 1P
SMD INDUCTOR DR331-3 SERIES
DR349-3 DATATRONICS-DR349-3_14 Datasheet
59Kb / 2P
SMD INDUCTOR DR349-3 SERIES
DR350-3 DATATRONICS-DR350-3_14 Datasheet
77Kb / 1P
SHIELDED SMD INDUCTOR DR350-3 SERIES
DR353-3 DATATRONICS-DR353-3_14 Datasheet
88Kb / 2P
SMD INDUCTOR DR353-3 SERIES
DR354-3 DATATRONICS-DR354-3_14 Datasheet
170Kb / 2P
SMD INDUCTOR DR354-3 SERIES
DR355-1 DATATRONICS-DR355-1_14 Datasheet
73Kb / 1P
SMD INDUCTOR DR355-1 SERIES
DR355-2 DATATRONICS-DR355-2_14 Datasheet
78Kb / 1P
SMD INDUCTOR DR355-2 SERIES
DR355-4 DATATRONICS-DR355-4_14 Datasheet
73Kb / 1P
SMD INDUCTOR DR355-4 SERIES
DR356-3 DATATRONICS-DR356-3_14 Datasheet
83Kb / 1P
SMD INDUCTOR DR356-3 SERIES
DR358-3 DATATRONICS-DR358-3_14 Datasheet
99Kb / 1P
SHIELDED SMD INDUCTOR DR358-3 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com