Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LL103A Datasheet(PDF) 1 Page - General Semiconductor

Part # LL103A
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LL103A Datasheet(HTML) 1 Page - General Semiconductor

  LL103A Datasheet HTML 1Page - General Semiconductor LL103A Datasheet HTML 2Page - General Semiconductor LL103A Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Schottky Diodes
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Case: MiniMELF Glass Case SOD-80C
Weight: approx. 0.05 g
Dimensions in inches and (millimeters)
MiniMELF
.142 (3.6)
.019 (0.48)
Cathode Mark
.134 (3.4)
.011 (0.28)
4/98
LL103A THRU LL103C
Symbol
Value
Unit
Peak Inverse Voltage
LL103A
LL103B
LL103C
VRRM
VRRM
VRRM
40
30
20
V
V
V
Power Dissipation (Infinite Heatsink)
TC =
3/8
″ from Body
derates at 4 mW/°C to 0 at 125 °C
Ptot
4001)
mW
Junction Temperature
Tj
125
°C
Storage Temperature Range
TS
–55 to +150
°C
Single Cycle Surge
60-Hz Sine Wave
IFSM
15
A
1) Valid provided that electrodes are kept at ambient temperature.
For general purpose applications.
The LL103A, B, C is a metal-on-silicon
Schottky barrier device which is pro-
tected by a PN junction guard ring.
The low forward voltage drop and fast switch-
ing make it ideal for protection of MOS devices,
steering, biasing and coupling diodes
for fast switching and low logic level applications.
Other applications are click suppression, efficient
full wave bridges in telephone subsets, and blocking
diodes in rechargeable low voltage battery systems.
This diode is also available in DO-35 case with
the type designation SD103A, B, C, and in the
SOD-123 case with type designation
SD103AW, SD103BW, SD103CW.
♦
♦
♦
♦


Similar Part No. - LL103A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL103A SEMTECH-LL103A Datasheet
181Kb / 3P
Silicon Schottky Barrier Diode for general purpose applications?
logo
Diotec Semiconductor
LL103A DIOTEC-LL103A Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
logo
EIC discrete Semiconduc...
LL103A EIC-LL103A Datasheet
35Kb / 2P
SCHOTTKY BARRIER DIODES
logo
List of Unclassifed Man...
LL103A ETC1-LL103A Datasheet
398Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Weitron Technology
LL103A WEITRON-LL103A Datasheet
173Kb / 3P
Schottky Barrier Diodes
More results

Similar Description - LL103A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
SD101CWS CHENDA-SD101CWS Datasheet
65Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com