Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXTA3N100D2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTA3N100D2
Description  Depletion Mode MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA3N100D2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTA3N100D2 Datasheet HTML 1Page - IXYS Corporation IXTA3N100D2 Datasheet HTML 2Page - IXYS Corporation IXTA3N100D2 Datasheet HTML 3Page - IXYS Corporation IXTA3N100D2 Datasheet HTML 4Page - IXYS Corporation IXTA3N100D2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXTA3N100D2
IXTP3N100D2
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Fig. 7. Normalized RDS(on) vs. Junction Temperature
0.4
0.8
1.2
1.6
2.0
2.4
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 0V
I D = 1.5A
Fig. 8. RDS(on) Normalized to ID = 1.5A Value
vs. Drain Current
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
ID - Amperes
VGS = 0V
5V - - - -
TJ = 125ºC
TJ = 25ºC
Fig. 9. Input Admittance
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
VGS - Volts
TJ = 125ºC
25ºC
- 40ºC
VDS = 30V
Fig. 10. Transconductance
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
ID - Amperes
TJ = - 40ºC
VDS = 30V
25ºC
125ºC
Fig. 12. Forward Voltage Drop of Intrinsic Diode
0
1
2
3
4
5
6
7
8
9
10
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VSD - Volts
TJ = 125ºC
VGS = -10V
TJ = 25ºC
Fig. 11. Breakdown and Threshold Voltages
vs. Junction Temperature
0.8
0.9
1.0
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS(off) @ VDS = 25V
BVDSX@ VGS = - 5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com