Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBTA06 Datasheet(PDF) 2 Page - General Semiconductor

Part # MMBTA06
Description  Small Signal Transistors (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MMBTA06 Datasheet(HTML) 2 Page - General Semiconductor

  MMBTA06 Datasheet HTML 1Page - General Semiconductor MMBTA06 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified
SYMBOL
MIN.
.MAX.
UNIT
Collector-Emitter Breakdown Voltage
at IC = 1 mA, IB = 0
V(BR)CEO
80
V
Emitter-Base Breakdown Voltage
at IE = 100
µA, IC = 0
V(BR)EBO
4.0
V
Collector-Emitter Cutoff Current
VCE = 60 V, IB = 0
ICES
100
nA
Collector-Base Cutoff Current
VCB = 80 V, IE = 0
ICBO
100
nA
Collector Saturation Voltage
at IC = 100 mA, IB = 10 mA
VCEsat
0.25
V
Base-Emitter On Voltage
at IC = 10 mA, IB = 1 mA
VBE(on)
1.2
V
DC Current Gain
at VCE = 1 V, IC = 10 mA
hFE
100
at VCE = 1 V, IC = 100 mA
hFE
100
Gain-Bandwidth Product
at VCE = 2 V, IC = 10 mA, f = 100 MHz
fT
100
MHz
MMBTA06
0.59 (15)
0.2 (5)
0.03 (0.8)
0.30 (7.5)
0.12 (3)
.04 (1)
0.06 (1.5)
0.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
0.47 (12)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com