Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPU-1452 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPU-1452
Description  Celeron 400MHz Fanless SBC with 4x USB 2.0 and 4x USB 1.1 ports (RoHS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPU-1452 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPU-1452 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPU-1452 Datasheet HTML 2Page - List of Unclassifed Manufacturers CPU-1452 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CPU-1452
DATASHEET
ETH_CPU-1452_ DS131206
Tel. +39 0433 485 411
Fax. +39 0433 485 499
URL: www.eurotech.it
E-mail: sales@eurotech.it
Note. The information in this document is subject to change without notice and should not be construed as a commitment by EuroTecH S.p.A.
While reasonable precautions have been taken, EuroTecH S.p.A. assumes no responsibility for any error that may appear in this document.
All trademarks or registred trademarks are the properties of their respective companies.
Embedded Enhanced BIOS
• The Eurotech BIOS with enhanced embedded features can be
easily customized and upgraded to match the specific system
configuration.
• Watchdog management.
• Set-Up in Flash in order to avoid Set-Up corruption in field.
• Virtual Peripheral Support (V.P.S.): this mode allows users to
bootstrap from the parallel or serial ports and redirect Keyboard,
Video and Floppy Disk on the serial/parallel ports before booting
the Operating System. It is also possible to redirect any of these
peripherals as default setting.
•
Etherboot support: this feature allows the system to boot up
from a LAN connection for diskless operation.
Accessories
• RJ45 Ethernet adapter
• AC97 adapter
• USB adapters
• 2mm to 2.54mm IDE cable
• Cable Set Kit
• Development Kit
Options
• Custom BIOS with embedded features
• Extended operating temperature range
• Custom carrier
• Conformal coating
• Custom Connectors
Physical Characteristics
• Dimensions:
90 x 96 mm (3.6" X 3.8")
• Height:
18.6 mm (0.7”)
• Power supply:
Single +5V DC +/- 5%
• Power consumption:
8.0 W typical
• Operating Temperature:
0 ~ + 50 °C (standard)
-40 ~ +85 °C (extended)
• Humidity:
Up to 95% non-condensing
Power Management
• Temperature monitor with hardware thermal
management circuit
• Power fail NMI (safe operation between 4.75V and
5.25V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com