Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NT72C Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # NT72C
Description  Small size, light weight.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

NT72C Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  NT72C Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NT72(4459)&NT72-2
22.3
17.3
15 21.4
16.5
15 (NT72-2)
Ordering Information
NT72 C
S 10 DC12V 0.36
1
2
3
4
5
6
Rated
Max.
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
Release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Coil Parameter
4 Contact current
3A,5A,6A,10A,12A
5 Coil rated voltage(V)
DC:3,5,6,9,12,18,24,48
6 Coil power consumption
0.36:0.36W
0.45:0.45W
0.61:0.61W
1 Part number
NT72(4459), NT72-2
2 Contact arrangement
A:1A
B:1B
C:1C
3 Enclosure
S:Sealed type
NIL:Dust cover
Contact Arrangement
1A SPSTNO
1B(SPSTNC)
1C(SPDT(B-M))
Contact Material
AgCdO
AgSnO
2
Contact Rating (resistive)
5A,10A,12A/125VAC,28VDC; 6A/300VAC,28VDC
3A,5A,10A/250VAC
Motor load : 1/3HP 120VAC
1/3HP 240VAC
Max. Switching Power
336W 2400VA
Max. Switching Voltage
110VDC 380VAC
Max. Switching Current:15A
Contact Resistance or Voltage drop
50m
Item 4.12 of IEC 61810-7
5
Operation
Electrical
10
Item 4.30 of IEC 61810-7
al
7
life
Mechanical
10
Item 4.31 of IEC 61810-7
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
003-360
3
3.9
25
2.25
0.3
005-360
5
6.5
69
3.75
0.5
006-360
6
7.8
100
4.50
0.6
009-360
9
11.7
225
6.75
0.9
012-360
12
15.6
400
9.00
1.2
018-360
18
23.4
900
13.5
1.8
024-360
24
31.2
1600
18.0
2.4
003-450
3
3.9
20
2.25
0.3
005-450
5
6.5
56
3.75
0.5
006-450
6
7.8
80
4.50
0.6
009-450
9
11.7
180
6.75
0.9
012-450
12
15.6
320
9.00
1.2
018-450
18
23.4
720
13.5
1.8
024-450
24
31.2
1280
18.0
2.4
048-610
48
62.4
3800
36.0
4.8
Small size, light weight.
Reliable quality.
PC board mounting.
Suitable for household electrical appliances, automation system, electronic equipment, instrument, meter,
telecommunication facilities and remote control facilities.
0.36
7
4
0.45
7
4
0.61
03001003513
R50142630
E169380
C
US
R
Features
Contact Data
83
Operation condition
Insulation Resistance
500M
min (at 500VDC)
Item 7 of IEC 61810-5
Dielectric Strength
Between contacts
50Hz 1000V
Item 6 of IEC 61810-5
Between contact and coil
50Hz 2500V 4000V(NT72-2)
Item 6 of IEC 61810-5
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
Relative Humidity
85% (at 40 )
IEC68-2-3Test Ca
Mass
11g
Safety approvals
Safety approval
UL&CUR
T V
CQC
Reference Data
Dimensions
Mounting (Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Wiring diagram
(Bottom view)
12A/125VAC 28VDC
10A/240VAC 6A/300VAC
1/3HP 120VAC 240VAC
Insulation
B-class F-class
Load
10A/250VAC 28VDC
5A/250VAC
T72
NT72-2
Dimensions
84
NT72(4459)&NT72-2
5- 1.2
U
mm /inch
0.083
0.035
0.020
0.079
0.681max.
0.878max.
0.843max.
0.083
0.650max.
0.079
0.035
0.020
0.047
0.200
0.500
Ningbo Huaguan Electronics Corporation LTD.


Similar Part No. - NT72C

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT72C10DC3V0.36 DBLECTRO-NT72C10DC3V0.36 Datasheet
326Kb / 2P
Low price reliable quality. / PC board mounting.
NT72C10DC3V0.45 DBLECTRO-NT72C10DC3V0.45 Datasheet
326Kb / 2P
Low price reliable quality. / PC board mounting.
NT72C10DC3V0.61 DBLECTRO-NT72C10DC3V0.61 Datasheet
326Kb / 2P
Low price reliable quality. / PC board mounting.
NT72C10DC5V0.36 DBLECTRO-NT72C10DC5V0.36 Datasheet
326Kb / 2P
Low price reliable quality. / PC board mounting.
NT72C10DC5V0.45 DBLECTRO-NT72C10DC5V0.45 Datasheet
326Kb / 2P
Low price reliable quality. / PC board mounting.
More results

Similar Description - NT72C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NV2R ETC1-NV2R Datasheet
114Kb / 2P
Small size, light weight.
logo
DB Lectro Inc
NV2M DBLECTRO-NV2M Datasheet
147Kb / 2P
Small size, light weight.
logo
HuaXinAn Electronics CO...
NG6D HUAXINAN-NG6D Datasheet
357Kb / 1P
Small size,light weight
NG8QNC HUAXINAN-NG8QNC Datasheet
425Kb / 1P
Small size, light weight.
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
Small size, light weight
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
Small size, light weight.
NT742C HUAXINAN-NT742C Datasheet
333Kb / 1P
Small size, light weight.
NV2M-2A HUAXINAN-NV2M-2A Datasheet
470Kb / 1P
Small size, light weight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com