Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMD26721 Datasheet(PDF) 11 Page - ams AG

Part # TMD26721
Description  DIGITAL PROXIMITY DETECTOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD26721 Datasheet(HTML) 11 Page - ams AG

Back Button TMD26721 Datasheet HTML 7Page - ams AG TMD26721 Datasheet HTML 8Page - ams AG TMD26721 Datasheet HTML 9Page - ams AG TMD26721 Datasheet HTML 10Page - ams AG TMD26721 Datasheet HTML 11Page - ams AG TMD26721 Datasheet HTML 12Page - ams AG TMD26721 Datasheet HTML 13Page - ams AG TMD26721 Datasheet HTML 14Page - ams AG TMD26721 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TMD2672
DIGITAL PROXIMITY DETECTOR
TAOS149C − AUGUST 2012
10
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Referring again to Figure 8, the reflected IR LED and the background energy is integrated during the LED On
time, then during the LED Off time, the integrated background energy is subtracted from the LED On time
energy, leaving the IR LED energy to accumulate from pulse to pulse. During LED On time integration, the
proximity saturation bit in the Status register (0x13) will be set if the integrator saturates. This condition can occur
if the proximity gain is set too high for the lighting conditions, such as in the presence of bright sunlight. Once
asserted, PSAT will remain set until a special function proximity interrupt clear command is received from the
host (see command register).
After the programmed number of proximity pulses have been generated, the proximity ADC converts and scales
the proximity measurement to a 16-bit value, then stores the result in two 8-bit proximity data (PDATAx)
registers. ADC scaling is controlled by the proximity ADC conversion time (PTIME) which is programmable from
1 to 256 2.73-ms time units. However, depending on the application, scaling the proximity data will equally scale
any accumulated noise. Therefore, in general, it is recommended to leave PTIME at the default value of one
2.73-ms ADC conversion time (0xFF).
In many practical proximity applications, a number of optical system and environmental conditions can produce
an offset in the proximity measurement result. To counter these effects, a proximity offset (POFFSET) is
provided which allows the proximity data to be shifted positive or negative. Additional information on the use
of the proximity offset feature is provided in available TAOS application notes.
Once the first proximity cycle has completed, the proximity valid (PVALID) bit in the Status register will be set
and remain set until the proximity detection function is disabled (PEN).
For additional information on using the proximity detection function behind glass and for optical system design
guidance, please see available TAOS application notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com