Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S4004VS2TP Datasheet(PDF) 3 Page - Littelfuse

Part # S4004VS2TP
Description  4 Amp Sensitive SCRs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4004VS2TP Datasheet(HTML) 3 Page - Littelfuse

  S4004VS2TP Datasheet HTML 1Page - Littelfuse S4004VS2TP Datasheet HTML 2Page - Littelfuse S4004VS2TP Datasheet HTML 3Page - Littelfuse S4004VS2TP Datasheet HTML 4Page - Littelfuse S4004VS2TP Datasheet HTML 5Page - Littelfuse S4004VS2TP Datasheet HTML 6Page - Littelfuse S4004VS2TP Datasheet HTML 7Page - Littelfuse S4004VS2TP Datasheet HTML 8Page - Littelfuse S4004VS2TP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
211
©2010 Littelfuse, Inc
Revised: July 29, 2010 09:54 AM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Sxx04xSx Series
4 Amp Sensitive SCRs
Figure 1: Normalized DC Gate Trigger Current
vs. Junction Temperature
Figure 2: Normalized DC Gate Trigger Voltage
vs. Junction Temperature
0.0
1.0
2.0
3.0
4.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)
Figure 5: On-State Current vs. On-State
Voltage (Typical)
Figure 6: Power Dissipation (Typical)
vs. RMS On-State Current
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
Figure 4: Normalized DC Latching Current
vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- (°C)
T
J = 25°C
0
5
10
15
20
25
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Instantaneous On-state Voltage (v) – Volts
Sxx04VSy
Sxx04DSy
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
RMS On-State Current [I
T(RMS)] - (Amps)
Sxx04VSy
Sxx04DSy



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com