Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXTP18N60PM Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP18N60PM
Description  Polar Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP18N60PM Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP18N60PM Datasheet HTML 1Page - IXYS Corporation IXTP18N60PM Datasheet HTML 2Page - IXYS Corporation IXTP18N60PM Datasheet HTML 3Page - IXYS Corporation IXTP18N60PM Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
DS99739G(10/10)
PolarTM
Power MOSFET
(Electrically Isolated Tab)
N-Channel Enhancement Mode
Avalanche Rated
IXTP18N60PM
Features
Plastic Overmolded Tab for Electrical
Isolation
International Standard Package
Low R
DS(on) and QG
Avalanche Rated
Low Package Inductance
Fast Intrinsic Rectifier
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
Laser Drivers
AC and DC Motor Drives
Robotics and Servo Controls
V
DSS
= 600V
I
D25
= 9A
R
DS(on) ≤
≤≤≤≤ 420m
Ω
Ω
Ω
Ω
Ω
G = Gate
D = Drain
S = Source
OVERMOLDED
(IXTP...M) OUTLINE
G
D S
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
600
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.5
4.5
V
I
GSS
V
GS = ± 30V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS = 0V
25
μA
T
J = 125°C
250
μA
R
DS(on)
V
GS = 10V, ID = 9A, Note 1
420 m
Ω
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
600
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
600
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C9
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
54
A
I
A
T
C = 25°C18
A
E
AS
T
C = 25°C
1
J
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C90
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062in.) from Case for 10s
300
°C
T
sold
Plastic Body for 10 Seconds
260
°C
M
d
Mounting Torque
1.13 / 10
Nm/lb.in.
Weight
2.5
g
Isolated Tab


Similar Part No. - IXTP18N60PM

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP18N60PM ISC-IXTP18N60PM Datasheet
294Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP18N60PM

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH18N90P IXYS-IXFH18N90P Datasheet
203Kb / 5P
Polar Power MOSFET HiPerFET
IXFK40N90P IXYS-IXFK40N90P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFB30N120P IXYS-IXFB30N120P Datasheet
147Kb / 5P
Polar HiPerFET Power MOSFET
IXFK30N110P IXYS-IXFK30N110P Datasheet
121Kb / 4P
Polar Power MOSFET HiPerFET
IXFK32N100P IXYS-IXFK32N100P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFN26N120P IXYS-IXFN26N120P Datasheet
115Kb / 4P
Polar Power MOSFET
IXFN30N120P IXYS-IXFN30N120P Datasheet
114Kb / 4P
Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
Polar Power MOSFET HiPerFET
IXTA06N120P IXYS-IXTA06N120P Datasheet
121Kb / 4P
Polar Power MOSFET
IXTP1N100P IXYS-IXTP1N100P Datasheet
153Kb / 4P
Polar Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com