Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXTP160N10T Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP160N10T
Description  TrenchMV Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP160N10T Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP160N10T Datasheet HTML 1Page - IXYS Corporation IXTP160N10T Datasheet HTML 2Page - IXYS Corporation IXTP160N10T Datasheet HTML 3Page - IXYS Corporation IXTP160N10T Datasheet HTML 4Page - IXYS Corporation IXTP160N10T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006 IXYS CORPORATION All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C
100
V
V
DGR
T
J
= 25
°C to 175°C; R
GS = 1 MΩ
100
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C
160
A
I
LRMS
Lead Current Limit, RMS
75
A
I
DM
T
C = 25°C, pulse width limited by TJM
430
A
I
AR
T
C = 25°C25
A
E
AS
T
C = 25°C
500
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/μs, VDD ≤ VDSS
3
V/ns
T
J
≤ 175°C, R
G = 5 Ω
P
D
T
C = 25°C
430
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 seconds
260
°C
M
d
Mounting torque (TO-220)
1.13 / 10 Nm/lb.in.
Weight
TO-220
3
g
TO-263
2.5
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS
= 0 V, I
D = 250 μA
100
V
V
GS(th)
V
DS = VGS, ID = 250 μA
2.5
4.5
V
I
GSS
V
GS = ± 20 V, VDS = 0 V
± 200
nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0 V
T
J = 150°C
250
μA
R
DS(on)
V
GS = 10 V, ID = 25 A, Notes 1, 2
6.1
7.0
m
Ω
TrenchMVTM
Power MOSFET
Preliminary Technical Information
N-Channel Enhancement Mode
Avalanche Rated
IXTA160N10T
IXTP160N10T
V
DSS
= 100
V
I
D25
= 160
A
R
DS(on) ≤
≤≤≤≤ 7.0 m
Ω
Ω
Ω
Ω
Ω
DS99650 (11/06)
TO-263 (IXTA)
TO-220 (IXTP)
G
S
G
D
S
G = Gate
D = Drain
S = Source
TAB = Drain
(TAB)
(TAB)
Features
Ultra-low On Resistance
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
175
°C Operating Temperature
Advantages
Easy to mount
Space savings
High power density
Applications
Automotive
- Motor Drives
- 42V Power Bus
- ABS Systems
DC/DC Converters and Off-line UPS
Primary Switch for 24V and 48V
Systems
Distributed Power Architechtures
and VRMs
Electronic Valve Train Systems
High Current Switching
Applications
High Voltage Synchronous Recifier


Similar Part No. - IXTP160N10T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP160N10T ISC-IXTP160N10T Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP160N10T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP44N10T IXYS-IXTP44N10T Datasheet
192Kb / 5P
TrenchMV??Power MOSFET
IXTP182N055T IXYS-IXTP182N055T Datasheet
227Kb / 6P
TrenchMV??Power MOSFET
IXTH240N055T IXYS-IXTH240N055T Datasheet
210Kb / 5P
TrenchMV Power MOSFET
IXTQ250N075T IXYS-IXTQ250N075T Datasheet
209Kb / 5P
TrenchMV Power MOSFET
IXTP240N055T IXYS-IXTP240N055T Datasheet
178Kb / 5P
TrenchMV Power MOSFET
IXTQ200N085T IXYS-IXTQ200N085T Datasheet
211Kb / 5P
TrenchMV Power MOSFET
IXTV200N10T IXYS-IXTV200N10T Datasheet
220Kb / 5P
TrenchMV Power MOSFET
IXTC200N10T IXYS-IXTC200N10T Datasheet
191Kb / 5P
TrenchMV Power MOSFET
IXTC220N055T IXYS-IXTC220N055T Datasheet
192Kb / 5P
TrenchMV Power MOSFET
IXTC280N055T IXYS-IXTC280N055T Datasheet
192Kb / 5P
TrenchMV Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com