Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P3500SCMCL Datasheet(PDF) 2 Page - Littelfuse

Part # P3500SCMCL
Description  MicroCapacitance (MC) SC SIDACtor Device
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3500SCMCL Datasheet(HTML) 2 Page - Littelfuse

  P3500SCMCL Datasheet HTML 1Page - Littelfuse P3500SCMCL Datasheet HTML 2Page - Littelfuse P3500SCMCL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.littelfuse.com
3 - 6
© 2006 Littelfuse • Telecom Design Guide
MicroCapacitance (MC) SC SIDACtor® Device
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
Thermal Considerations
Package
Symbol
Parameter
Value
Unit
DO-214AA
TJ
Operating Junction Temperature Range
-40 to +150
°C
TS
Storage Temperature Range
-65 to +150
°C
RθJA
Thermal Resistance: Junction to Ambient
90
°C/W
Capacitance Values
Part Number
pF
MIN
MAX
P0080SCMCL
35
75
P0220SCMCL
30
65
P0300SCMCL
25
45
P0640SCMCL
55
85
P0720SCMCL
50
75
P0900SCMCL
45
70
P1100SCMCL
45
70
P1200SCMCL
45
65
P1300SCMCL
40
60
P1500SCMCL
35
55
P1800SCMCL
35
50
P2000SCMCL
35
50
P2100SCMCL
30
50
P2300SCMCL
30
50
P2500SCMCL
30
45
P2600SCMCL
30
45
P3100SCMCL
30
45
P3500SCMCL
25
40



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com