Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC08060CIMT/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08060CIMT/NOPB
Description  8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08060CIMT/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC08060CIMT/NOPB Datasheet HTML 17Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 18Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 19Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 20Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 21Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 22Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 23Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 24Page - Texas Instruments ADC08060CIMT/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
R
C
LMH6702
ADC Clock
Source
Locate Clock Source
near ADC clock pin
RF
RIN
Single
Ground
Plane
ADC
08060
Locate power supply on
the digital side of the
ADC
Locate driving amplifier
near ADC input pin
ADC08060
www.ti.com
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
Figure 33. Layout Example
DYNAMIC PERFORMANCE
The ADC08060 is a.c. tested and its dynamic performance is ensured. To meet the published specifications, the
clock source driving the CLK input must exhibit less than 10 ps (rms) of jitter. For best a.c. performance, isolating
the ADC clock from any digital circuitry should be done with adequate buffers, as with a clock tree. See
Figure 34.
It is good practice to keep the ADC clock line as short as possible and to keep it well away from any other
signals. Other signals can introduce jitter into the clock signal. The clock signal can also introduce noise into the
analog path.
Figure 34. Isolating the ADC Clock from Digital Circuitry
COMMON APPLICATION PITFALLS
Driving the inputs (analog or digital) beyond the power supply rails. For proper operation, all inputs should
not go more than 300 mV below the ground pins or 300 mV above the supply pins. Exceeding these limits on
even a transient basis may cause faulty or erratic operation. It is not uncommon for high speed digital circuits
(e.g., 74F and 74AC devices) to exhibit undershoot that goes more than a volt below ground. A 51
Ω resistor in
series with the offending digital input will usually eliminate the problem.
Care should be taken not to overdrive the inputs of the ADC08060. Such practice may lead to conversion
inaccuracies and even to device damage.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC08060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com