Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED18-YYY-P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED18-YYY-P
Description  Mounting Brackets for Mini Limit Switch Sensors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED18-YYY-P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED18-YYY-P Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Accessories
871
MountingBracketsfor
MiniLimitSwitchSensors
360°
rotation
Rotating
This mounting bracket
is used to provide
adjustment of the
sensor after mounting.
Can be surface
mounted or mounted
on 35 mm DIN rail.
Model Number
OMH4-4950
4
22
30
M4 x 8
Screw
12
Max.
54.66
4.2
16
16
25
6
M4 Tap
This mounting bracket is
used to provide adjustment
of the sensor after mounting.
Includes mounting hardware.
To order specify model
number
MH4-3742.
Adjustable
TestInstruments
On-site
troubleshooting can
be a problem without
the proper testing
equipment. With
P+F’s hand-held
tester, proximity
sensors can be
tested without having
to remove the sensor
from its installation.
With this compact
easy-to-read tester,
instructions are right
on the front of the unit.
You can check all 2-, 3-, and
4-wire DC sensors and all 2- and
3-wire AC sensors.
If the tester is improperly connected
to a sensor, a safety feature prevents
damage to either the tester or the
sensor.
To order specify model number
1-1350.
Model No.
OMH4-4950
Model No.
MH4-3742
Model No.
1-1350
The ST-03 is
a universal,
compact testing
device that fits
in your palm.
Features:
• The unit tests the operation
of all DC sensors in 2-
wire, 3-wire, and 4-wire
configurations, and all
sensors built according to
DIN 19234, NAMUR.
• Will not damage sensors
that are connected
incorrectly.
• Push-button terminals
allow quick, easy sensor
connection.
To order specify model number
ST-03.
Model No.
ST-03
50.5
14.5
66
60
30
15
° 15°
R20
40
20
12.5
10
5
M4
21
30.5
30
4.5
5.5
21
50
This pilot
light provides
ultra-bright status
indication for almost any
industrial application including
part bins, machinery, conveyor
lines and error proofing. Available
in red, yellow or green (or all three
combined), these indicators feature
an IP67, nickel-plated brass housing
for harsh-duty applications.
Model Number
LED Color
LED18-RYG-P
Red, Yellow, Green
LED18-RRR-P
Red
LED18-YYY-P
Yellow
LED18-GGG-P
Green
Male Receptable End View.
V1Type
QuickDisconnect
Black
Blue
White
Brown
1
2
3
4
Red LED ( )
( )
( )
( )
Green LED
Yellow LED
18mmPilotLight(12-24VDC)
15° adjustments
1.0
45
36
29
TestersandIndicators


Similar Part No. - LED18-YYY-P

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED18-PR ROITHNER-LED18-PR Datasheet
103Kb / 1P
LIGHT EMITTING DIODES
LED18-TEC ROITHNER-LED18-TEC Datasheet
112Kb / 1P
LIGHT EMITTING DIODES
LED18-TEC-PR ROITHNER-LED18-TEC-PR Datasheet
112Kb / 1P
LIGHT EMITTING DIODES
More results

Similar Description - LED18-YYY-P

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
SLIMCAB SERIES MOUNTING BRACKETS
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
Mounting Brackets
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
Mounting Brackets
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
Panduct Snap-Clip Mounting Brackets
logo
SICK AG
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
Mounting brackets and plates
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
Mounting brackets
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
Mounting brackets
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
Mounting brackets and plates
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
Mounting brackets and plates
logo
Advantech Co., Ltd.
DRL-01 ADVANTECH-DRL-01 Datasheet
267Kb / 1P
?쏬??Mounting Brackets ??for Mean Well Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com